Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3DH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3DH Datasheet HTML 1Page - STMicroelectronics LIS3DH Datasheet HTML 2Page - STMicroelectronics LIS3DH Datasheet HTML 3Page - STMicroelectronics LIS3DH Datasheet HTML 4Page - STMicroelectronics LIS3DH Datasheet HTML 5Page - STMicroelectronics LIS3DH Datasheet HTML 6Page - STMicroelectronics LIS3DH Datasheet HTML 7Page - STMicroelectronics LIS3DH Datasheet HTML 8Page - STMicroelectronics LIS3DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
May 2010
Doc ID 17530 Rev 1
1/42
42
LIS3DH
MEMS digital output motion sensor
ultra low-power high performance 3-axes “nano” accelerometer
Features
■ Wide supply voltage, 1.71 V to 3.6 V
■ Independent IOs supply (1.8 V) and supply
voltage compatible
■ Ultra low-power mode consumption
down to 2 µA
■ ±2g/±4g/±8g/±16g dynamically selectable full-
scale
■ I2C/SPI digital output interface
■ 16 bit data output
■ 2 independent programmable interrupt
generators for free-fall and motion detection
■ 6D/4D orientation detection
■ Free-fall detection
■ Motion detection
■ Embedded temperature sensor
■ Embedded self-test
■ Embedded 96 levels of 16 bit data output FIFO
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
Applications
■ Motion activated functions
■ Free-fall detection
■ Click/double click recognition
■ Intelligent power saving for handheld devices
■ Pedometer
■ Display orientation
■ Gaming and virtual reality input devices
■ Impact recognition and logging
■ Vibration monitoring and compensation
Description
The LIS3DH is an ultra low-power high
performance three axes linear accelerometer
belonging to the “nano” family, with digital I2C/SPI
serial interface standard output. The device
features ultra low-power operational modes that
allow advanced power saving and smart
embedded functions.
The LIS3DH has dynamically user selectable full
scales of
±2g/±4g/±8g/±16g and it is capable of
measuring accelerations with output data rates
from 1 Hz to 5 kHz. The self-test capability allows
the user to check the functioning of the sensor in
the final application. The device may be
configured to generate interrupt signals by two
independent inertial wake-up/free-fall events as
well as by the position of the device itself.
Thresholds and timing of interrupt generators are
programmable by the end user on the fly. The
LIS3DH has an integrated 32-level first in, first out
(FIFO) buffer allowing the user to store data for
host processor intervention reduction. The
LIS3DH is available in small thin plastic land grid
array package (LGA) and it is guaranteed to
operate over an extended temperature range from
-40 °C to +85 °C.
Table 1.
Device summary
Order codes
Temp.
range [
°C]
Package
Packaging
LIS3DH
-40 to +85
LGA-16
Tray
LIS3DHTR
-40 to +85
LGA-16
Tape and reel
LGA-16 (3x3x1 mm)
www.st.com


Similar Part No. - LIS3DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results

Similar Description - LIS3DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
05-Oct-2009
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
Bosch Sensortec GmbH
BMA400 BOSCH-BMA400 Datasheet
4Mb / 126P
3-axes ultra-low power accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com