Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

425LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 425LP3E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

425LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  425LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 425LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 425LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 425LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 425LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 425LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 116
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC425LP3 / HMC425LP3E is ideal for:
• WLAN & Point-to-Multi-Point
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
± 0.5 dB Typical Bit Error
Single +5V Supply
3x3 mm SMT Package
The HMC425LP3 & HMC425LP3E are broadband
6-bit GaAs IC digital attenuators in low cost leadless
surface mount packages. Covering 2.2 to 8.0 GHz,
the insertion loss is less then 3.8 dB typical. The
attenuator bit values are 0.5 (LSB), 1, 2, 4, 8, and
16 dB for a total attenuation of 31.5 dB. Attenuation
accuracy is excellent at ± 0.5 dB typical step error
with an IIP3 of +40 dBm. Six control voltage inputs,
toggled between 0 and +3 to +5V, are used to select
each attenuation state. A single Vdd bias of +3 to +5V
is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
2.2 - 6.0 GHz
6.0 - 8.0 GHz
3.5
3.8
3.8
4.3
dB
dB
Attenuation Range
2.2 - 8.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
2.2 - 8.0 GHz
15
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
2.2 - 8.0 GHz
± 0.5 + 5% of Atten. Setting Max.
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
2.2 - 8.0 GHz
22
19
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 16.0 dB States
16.5 - 31.5 dB States
2.2 - 8.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
2.2 - 8.0 GHz
160
180
ns
ns
HMC425LP3 / 425LP3E
v03.0409
Typical Applications
Features
General Description


Similar Part No. - 425LP3E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
425 LITTELFUSE-425 Datasheet
69Kb / 2P
SURFACE MOUNT FUSES
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
233Kb / 3P
Surface Mount Quartz Crystal
logo
3M Electronics
425 3M-425 Datasheet
19Kb / 3P
425 Aluminium Foil Tape
Mar-1996
logo
Abbatron All Rights Res...
425 ABBATRON-425 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 425LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3 Datasheet
200Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC425ALP3 AD-HMC425ALP3 Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC425A AD-HMC425A Datasheet
1Mb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com