Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

496LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 496LP3E
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

496LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  496LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 8Page - Hittite Microwave Corporation 496LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 1
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 4 - 7 GHz
v05.0811
HMC496LP3 / 496LP3E
General Description
Features
Functional Diagram
the Hmc496lP3 & Hmc496lP3e are low noise
Wideband direct quadrature modulator rFics
which are ideal for digital modulation applications
from 4 - 7 GHz including; Wll, u-Nii, WlaN &
microwave radios.
Housed in a compact 3x3
mm (lP3) smt qFN package, the rFic requires
minimal external components & provides a low cost
alternative to more complicated double upconversion
architectures. the rF output port is matched to 50
ohms with no external components. the lo requires
-3 to +6 dBm and can be driven in either differential
or single-ended mode while the Baseband inputs
will support modulation inputs from dc - 250 mHz
typical. this device is optimized for a supply voltage
of +3V @ 93 ma and will provide stable performance
over a +2.7V to +3.3V range.
Wideband rF Frequency range
High carrier suppression: 34 dBc
Very low Noise Floor: -157 dBm/Hz
low lo Power: -3 to +6 dBm
differential or single ended lo drive
single low current supply: +3.0V@ 93 ma
3 x 3 mm qFN smt Plastic Package
Typical Applications
the Hmc496lP3 / Hmc496lP3e is suitable for
various modulation systems:
• Fixed Wireless or WLL
• U-NII Radios
• 802.11a & HiperLAN WLAN
• C-band Microwave Radios
Electrical Specifications, See Test Conditions on following page herein.
Parameter
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
units
Frequency range, rF
4.9 - 5.4
5.4 - 5.9
5.9 - 6.4
GHz
output Power
-1
+2
-1
+2
-2
+1
dBm
output P1dB
3
4
4
dBm
output iP3
15
18
14
17
14
17
dBm
output Noise Floor
-157
-156
-155
dBm/Hz
carrier suppression (uncalibrated)
34
34
31
dBc
sideband suppression (uncalibrated)
40
39
39
dBc
im3 suppression
45
42
41
dBc
rF Port return loss
7
9
8
dB
lo Port return loss
11
10
10
dB


Similar Part No. - 496LP3E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
496 LITTELFUSE-496 Datasheet
72Kb / 1P
Blade Terminal & Special Purpose Fusel
logo
List of Unclassifed Man...
496 ETC2-496 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
EDAC, All Rights Reserv...
496-108-221-121 EDAC-496-108-221-121 Datasheet
270Kb / 2P
496 Series Edge Connector | DIN 41612
496-108-221-121 EDAC-496-108-221-121 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-221-123 EDAC-496-108-221-123 Datasheet
270Kb / 2P
496 Series Edge Connector | DIN 41612
More results

Similar Description - 496LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com