Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC546LP2 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC546LP2
Description  GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC546LP2 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC546LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 160
v03.0809
GaAs MMIC 10W FAILSAFE SWITCH
0.2 - 2.7 GHz
General Description
Features
Functional Diagram
High Input P0.1dB: +40 dBm Tx
Low Insertion Loss: 0.4 dB
High Input IP3: +67 dBm
Positive Control: 0/+3V to 0/+8V
Failsafe Operation - Tx “On” When Unpowered
Electrical Specifications, T
A = +25°C, Vctl = 0/+3 Vdc, 50 Ohm System*
Typical Applications
The HMC546LP2 / HMC546LP2E is ideal for:
• LNA Protection, WiMAX & WiBro
• Cellular/PCS/3G & TD-SCDMA Infrastructure
• Private Mobile Radio & Public Safety Handsets
• Automotive Telematics
The
HMC546LP2
&
HMC546LP2E
are
failsafe
SPDT switches in leadless DFN surface mount
plastic packages for use in transmit-receive, and
LNA protection
applications which require very
low distortion and high power handling of up to 10
watts. The device can control signals from 200 -
2700 MHz* and is especially suited for WiMAX and
WiBro repeaters, PMR and automotive telematic
applications. The design provides exceptional P0.1dB
of +40 dBm and +65 dBm IIP3 on the Transmit (Tx)
port. The failsafe topology allows the switch to pro-
vide a low loss path from RFC to Tx, when no DC
power is available.
HMC546LP2 / 546LP2E
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max
Units
Frequency Range
1805 - 1910
2010 - 2025
2300 - 2480
2500 - 2700
MHz
Insertion Loss
Tx - RFC
RFC - Rx
0.3
0.4
0.6
0.7
0.4
0.3
0.7
0.6
0.6
1.1
0.8
1.5
0.5
0.7
0.8
1.1
dB
dB
Isolation
Tx - RFC
RFC - Rx
15
22
23
30
14
20
22
27
15
25
20
30
10
30
15
40
dB
dB
Return Loss
Tx - RFC
RFC - Rx
25
25
20
25
22
10
20
12
dB
dB
Input Power for 0.1 dB
Compression
Tx - RFC
RFC - Rx
38
19
40
21
39
19
41
21
36.5
17
38.5
19
38.5
18
40.5
20
dBm
dBm
Input Third Order
Intercept
(Two-tone input power =
+19 dBm each tone)
Tx - RFC
Vctl = 0/+3V RFC - Rx
Tx - RFC
Vctl = 0/+5V RFC - Rx
65
33
66
44
64
32
64
45
67
33
67
45
62
32
62
43
dBm
dBm
dBm
dBm
Switching
Characteristics
tRISE, tFALL (10/90% RF)
tON, (50% CTL to 90% RF)
tOFF (50% CTL to 10% RF)
21
102
36
21
102
36
21
102
36
21
102
36
ns
ns
ns
T
A = +25° C, Vctl & Vdd Unpowered
Insertion Loss
Tx - RFC
0.3
0.6
0.4
0.7
0.6
0.8
0.5
0.8
dB
Isolation
RFC - Rx
15
23
15
22
15
20
10
15
dB
Return Loss
Tx - RFC
25
20
22
20
dB
Input Power for 0.1 dB Compression
Tx - RFC
38
40
39
41
36.5
38.5
38.5
40.5
dBm
* Specifications and data reflect HMC546LP2(E) measured using the respective application circuits for each
designated frequency band found herein


Similar Part No. - HMC546LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2E HITTITE-HMC546LP2E Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
logo
Analog Devices
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
Rev. E
HMC546LP2ETR AD-HMC546LP2ETR Datasheet
251Kb / 13P
10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
Rev. E
More results

Similar Description - HMC546LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC646LP2 HITTITE-HMC646LP2 Datasheet
323Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
Rev. E
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com