Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCP060T Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCP060T
Description  HIGH EFFICIENCY pHEMT POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T Datasheet(HTML) 4 Page - BeRex Corporation

  BCP060T Datasheet HTML 1Page - BeRex Corporation BCP060T Datasheet HTML 2Page - BeRex Corporation BCP060T Datasheet HTML 3Page - BeRex Corporation BCP060T Datasheet HTML 4Page - BeRex Corporation BCP060T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
BCP060T
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.92
-57.91
13.83
142.64
0.017
62.75
0.45
-30.63
2
0.83
-100.13
10.45
117.12
0.032
43.42
0.34
-49.55
3
0.79
-129.58
7.98
99.76
0.047
34.74
0.25
-62.90
4
0.77
-150.61
6.32
86.33
0.061
28.79
0.19
-72.26
5
0.77
-165.65
5.18
75.24
0.073
27.32
0.15
-86.36
6
0.77
-178.11
4.35
65.56
0.084
26.36
0.13
-101.81
7
0.78
172.13
3.69
56.72
0.094
25.99
0.12
-123.94
8
0.79
163.81
3.25
48.59
0.103
25.03
0.12
-137.66
9
0.80
156.81
2.88
41.33
0.108
23.59
0.12
-155.22
10
0.81
150.09
2.58
34.01
0.114
24.54
0.14
-169.25
11
0.82
143.11
2.34
26.33
0.120
23.14
0.16
178.07
12
0.83
136.61
2.12
18.59
0.124
22.92
0.19
168.01
13
0.85
130.15
1.94
11.44
0.130
19.85
0.22
157.74
14
0.86
123.54
1.77
3.60
0.134
16.06
0.25
148.31
15
0.88
117.87
1.60
-4.01
0.139
14.39
0.30
140.13
16
0.89
112.39
1.45
-11.27
0.144
10.53
0.35
132.31
17
0.90
106.79
1.29
-19.37
0.148
7.58
0.41
126.29
18
0.91
103.05
1.13
-26.14
0.153
6.07
0.46
120.85
19
0.92
100.04
1.00
-32.93
0.155
3.45
0.51
115.68
20
0.92
97.13
0.88
-38.54
0.156
0.94
0.57
111.97
21
0.93
96.22
0.76
-43.13
0.150
0.17
0.61
109.56
22
0.93
96.46
0.66
-46.19
0.149
0.71
0.65
107.33
23
0.92
96.55
0.57
-49.34
0.147
-0.34
0.68
106.11
24
0.92
97.66
0.51
-51.56
0.145
-0.02
0.71
106.08
25
0.94
98.95
0.46
-53.03
0.144
2.76
0.74
105.60
26
0.93
99.53
0.41
-54.01
0.145
3.92
0.76
106.41
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com