Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC641LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC641LP4E
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC641LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC641LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC641LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC641LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC641LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC641LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC641LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11 - 2
Input Third Order Intercept
Point @ 0 dBm Tone Power
1 dB Input Compression Point
(Low Frequency Detail)
Return Loss
1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
HMC641LP4E
v01.0910
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 20 GHz
-5
-4
-3
-2
-1
0
0
4
8
12
16
20
24
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
RFC
RF1,2,3,4 On
RF1,2,3,4 Off
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
4
8
12
16
20
24
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
15
20
25
30
35
40
45
50
0
5
10
15
20
FREQUENCY (GHz)
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com