Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC686LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC686LP4
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC686LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 7
HMC686LP4 / 686LP4E
v05.0509
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
Conversion Gain vs. Temperature [2]
1.4 - 1.5 GHz RF LTE Band Performance [1]
Isolation [2]
Conversion Gain vs. LO Drive [2]
IF Bandwidth (LO = 1.3 GHz)
Return Loss
Input P1dB vs. Temperature [2]
-12
-11
-10
-9
-8
-7
-6
1.2
1.3
1.4
1.5
1.6
1.7
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
1.2
1.3
1.4
1.5
1.6
1.7
RF/IF
LO/RF
LO/IF
RF FREQUENCY (GHz)
-12
-11
-10
-9
-8
-7
-6
1.2
1.3
1.4
1.5
1.6
1.7
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.1
0.15
0.2
0.25
IF Return Loss
Conversion Gain
IF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.2
1.3
1.4
1.5
1.6
1.7
RF
LO
FREQUENCY (MHz)
20
22
24
26
28
30
1.2
1.3
1.4
1.5
1.6
1.7
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
[1] see 1.4 - 1.5 GHz rF LTe Band evaluation PCB and schematic.
[2] G_Bias = +2.5V, iF = 140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com