Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC738LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC738LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC738LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC738LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC738LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC738LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC738LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC738LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC738LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 2
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +5V
SSB Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +5V
Output Power
vs. Tuning Voltage, Vcc= +5V
SSB Phase Noise @ Vtune= 5V
HMC738LP4 / 738LP4E
v02.0309
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 20.9 - 23.9 GHz
18
19
20
21
22
23
24
25
26
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vcc= 4.75V
Vcc= 5.0V
Vcc= 5.25V
TUNING VOLTAGE (VOLTS)
18
19
20
21
22
23
24
25
26
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-150
-130
-110
-90
-70
-50
-30
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
-105
-95
-85
-75
-65
-55
0
1
2
3
4
5
6
7
8
9
10 11 12 13
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
0
200
400
600
800
1000
1200
1400
1600
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com