Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC742LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC742LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC742LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC742LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
12 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Pin Number
Function
Description
Interface Schematic
1
AMPIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
29
AMPOUT
RF output and DC bias (Vcc) for the output stage of the
amplifier.
2, 3, 13,
28, 30 - 32
GND
These pins and package bottom
must be connected to RF/DC ground.
4, 12
ATTIN,
ATTOUT
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
5 - 10
ACG1 - ACG6
External capacitors to ground is required. Select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
11
N/C
No connection
14
SEROUT
Serial input data delayed by 6 clock cycles.
15, 16
PUP2, PUP1
18 - 23
D5, D4, D3,
D2, D1, D0
24
P/S
25
CLK
26
SERIN
27
LE
17
Vdd
Supply Voltage
Pin Descriptions
HMC742LP5E
v05.0610
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com