Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ5239CSW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MMSZ5239CSW
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MMSZ5239CSW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MMSZ5239CSW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CSW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CSW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CSW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CSW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-208
December 2009, Revision A
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 4.3V to 75V
VZ Tolerance Selection of ±2%
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ5229CSW
229C
4.214
4.3
4.386
20
22
2000
5
1
MMSZ5230CSW
230C
4.606
4.7
4.794
20
19
1900
5
2
MMSZ5231CSW
231C
4.998
5.1
5.202
20
17
1600
5
2
MMSZ5232CSW
232C
5.488
5.6
5.712
20
11
1600
5
3
MMSZ5233CSW
233C
5.88
6.0
6.12
20
7
1600
5
3.5
MMSZ5234CSW
234C
6.076
6.2
6.324
20
7
1000
5
4
MMSZ5235CSW
235C
6.664
6.8
6.936
20
5
750
3
5
MMSZ5236CSW
236C
7.35
7.5
7.65
20
6
500
3
6
MMSZ5237CSW
237C
8.036
8.2
8.364
20
8
500
3
6.5
MMSZ5238CSW
238C
8.526
8.7
8.874
20
8
600
3
6.5
MMSZ5239CSW
239C
8.918
9.1
9.282
20
10
600
3
7
MMSZ5240CSW
240C
9.8
10
10.2
20
17
600
3
8
MMSZ5241CSW
241C
10.78
11
11.22
20
22
600
2
8.4
MMSZ5242CSW
242C
11.76
12
12.24
20
30
600
1
9.1
MMSZ5243CSW
243C
12.74
13
13.26
9.5
13
600
0.5
9.9
MMSZ5244CSW
244C
13.72
14
14.28
9
15
600
0.1
10
MMSZ5245CSW
245C
14.7
15
15.3
8.5
16
600
0.1
11
MMSZ5246CSW
246C
15.68
16
16.32
7.8
17
600
0.1
12
MMSZ5247CSW
247C
16.66
17
17.34
7.4
19
600
0.1
13
MMSZ5248CSW
248C
17.64
18
18.36
7
21
600
0.1
14
MMSZ5249CSW
249C
18.62
19
19.38
6.6
23
600
0.1
14
MMSZ5250CSW
250C
19.6
20
20.4
6.2
25
600
0.1
15
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead


Similar Part No. - MMSZ5239CSW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMSZ5239C KEXIN-MMSZ5239C Datasheet
1Mb / 3P
Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ5239C JIANGSU-MMSZ5239C Datasheet
1Mb / 5P
ZENER DIODE
logo
Diotec Semiconductor
MMSZ5239C DIOTEC-MMSZ5239C Datasheet
135Kb / 2P
SMD Planar Zener Diodes
logo
DAESAN ELECTRONIC CORP.
MMSZ5239C DAESAN-MMSZ5239C Datasheet
252Kb / 2P
ZENER DIODE
logo
Tak Cheong Electronics ...
MMSZ5239CW TAK_CHEONG-MMSZ5239CW Datasheet
233Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ5239CSW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com