Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC860LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC860LP3E
Description  QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC860LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC860LP3E_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 8Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 9Page - Hittite Microwave Corporation HMC860LP3E_11 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9
9 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
Application Schematic
HMC860LP3E
v01.0811
QUAD LOW NOISE HIGH PSRR
LINEAR VOLTAGE REGULATOR
The specified noise performance requires the 1µF decoupling capacitor between pins REF and GND (C1) and the
100nF capacitors connected between output VRx (x=1,2,3,4) and the respective RDx pin (C2, C3, C4 and C5). If noise
performance is not critical for a particular output, the 100nF capacitor can be omitted for the respective regulator. In
this case, noise spectral density will typically increase by a factor of 20X at 10kHz. The 1µF REF capacitor causes a
25ms typical turn-on start-up time.
Stability
Two approaches are recommended to manage the stability of the high-current regulators VR1 and VR4. If only one
decoupling capacitor is used at the output, the capacitor series resistance Resr must be between 0.2 Ohm and 2 Ohm
to insure stability across all loading conditions. This is shown at output VR4 in the application schematic. Note that
ceramic capacitors typically have much lower Resr (as low as 0.02 Ohm at resonance) hence they will need a series
resistor to insure stability.
In the case when several capacitors are connected at the output (which is often the case with noise and spurious
sensitive circuits), an alternate approach is to insert a small resistor in series with the load but after the 100nF feed-
back capacitor. This is shown by Rs1 at the VR1 output in the application schematic. The minimum resistor value is
0.1 Ohm, while the maximum value is set by the acceptable output voltage drop.
Due to the lower current, regulators VR2 and VR3 do not have special stability requirements. Typical 10µF ceramic
capacitor ESR of 0.02 Ohm is sufficient for their stability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com