Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC926LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC926LP5E
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC926LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC926LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC926LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
12 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Relative Phase vs. Frequency
(Only Major States are Shown)
Step Error vs. Frequency
(Only Major States are Shown)
Output P1dB vs. Frequency [2]
Output P1dB vs. Attenuation State
@ 2600 MHz
Noise Figure vs. Temperature [2]
Noise Figure vs. Attenuation State
HMC926LP5E
v00.0810
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
-24
-16
-8
0
8
16
24
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
31.5 dB
16 dB
0
2
4
6
8
10
12
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
15
20
25
30
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
16 dB
8 dB
4 dB
2 dB
0
2
4
6
8
10
12
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
0 dB
8 dB
16 dB
FREQUENCY (GHz)
-5
0
5
10
15
20
25
30
0
4
8
12
16
20
24
28
32
+25 C
+85 C
-40 C
ATTENUATION STATE (dB)
[1] See Evaluation PCB and Application Circuit for 2600 MHz Tune.
[2] Maximum gain state with digital attenuation set to minimum attenuation.
2600 MHz Tune [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com