Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC983LP5E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC983LP5E
Description  DC - 7 GHZ FRACTIONAL-N DIVIDER AND FREQUENCY SWEEPER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC983LP5E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC983LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 14Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 15Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6 - 13
6
HMC983LP5E
v00.0911
DC - 7 GHZ FRACTIONAL-N DIVIDER
AND FREQUENCY SWEEPER
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
Figure 20. RF Input Stage
RF Path Fractional-N Divider
The RF input buffer is followed by a high frequency prescaler and a multi modulus divider. The divider has been
designed for the best output phase noise and spurious performance in both fractional and integer mode. The
fractional-N divider can divide input frequencies from 32 to 220-1 (1048575) in integer mode and from 36 to 220-5
(1048571) in fractional-N mode. The divider output pulse width depends on the RF input period and is adjustable via
SPI setting (refer to Duty Cycle Setting in register Reg 0Fh[14:12]). The output pulse width recommended setting is
40% to 60% where possible. At low output frequencies it may not be possible to set 50% duty cycle. In such cases the
maximum pulse width setting is recommended.
Figure 21. Divider Path
Divider Output Buffer
The divider output is differential and the output buffer stage is an open collector amplifier with off-chip pull-up resistors.
Due to sharp rise and fall times at the divider output, the external path should be designed differentially using RF
techniques.
When HMC983LP5E and HMC984LP4E are operating together as a frequency synthesizer, 50 Ω pull-up resistors are
provided in HMC984LP4E.
VPPBUF pin should be connected to 5 V power supply. This pin does not sink DC current and is only used to bias the
internal ESD diodes and to provide an appropriate voltage level for the phase detector chip (HMC984LP4E). The two
possible interface configurations are shown in Figure 22 and Figure 23 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com