Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10MB Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 10MB
Description  Single Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

10MB Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  10MB Datasheet HTML 1Page - Naina Semiconductor ltd. 10MB Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Single Phase Bridge Rectifier
Features
Glass passivated chip junction
Surge capability of 150 A
High efficiency
Electrically isolated metal case for maximum heat dissipation
Mounting: thru hole for # 6 screw
Thermal and Mechanical Specifications (TA
noted)
Parameters
Symbol
Maximum operating junction
temperature range
Maximum storage temperature
range
T
Approximate weight
W
Voltage Ratings (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Maximum repetitive peak reverse
voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
V
Maximum average forward output
current
IF(AV)
Peak forward surge current (10ms)
single half sine-wave superimposed
on rated load
IFSM
Maximum DC forward voltage drop
per element @ 7.5 A
Maximum DC reverse
current at rated DC
blocking voltage per
element
TA =
25
0C
TA =
125
0C
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Single Phase Bridge Rectifier
Electrically isolated metal case for maximum heat dissipation
GBPC
A = 25
0C unless otherwise
Symbol
Values
Units
TJ
- 55 to +
125
0C
TStg
- 55 to +
150
0C
WT
30
g
C unless otherwise noted)
Symbol
10MB
VRRM
50
100
200
400
600
800
VRMS
35
70
140
280
420
560
VDC
50
100
200
400
600
800
F(AV)
10.0
FSM
150
VF
1.1
IR
5.0
500
10MB
4205450
Fax: 0120-4273653
GBPC
Units
800
1000
V
560
700
V
800
1000
V
A
A
V
µA


Similar Part No. - 10MB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
10MBC3P TOKEN-10MBC3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
10MBC5P TOKEN-10MBC5P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
10MBC6P TOKEN-10MBC6P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
10MBC7P TOKEN-10MBC7P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
10MBC9P TOKEN-10MBC9P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
More results

Similar Description - 10MB

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com