Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B60K Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B60K
Description  Double Balanced Mixers 6.0 to 10.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B60K Datasheet(HTML) 1 Page - Micronetics, Inc.

  B60K Datasheet HTML 1Page - Micronetics, Inc. B60K Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
B60K
6.0 to 10.0 GHz
Specifications
RF Frequency
6.0 to 10.0 GHz
LO Frequency
7.0 to 11.0 GHz
LO Power
+10 dBm typ
Transfer Characteristics
Conversion Loss
5 dB typ
7.0 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
25 dB min
38 dB typ
LO to IF Isolation
20 dB min
35 dB typ
IP3 In
+14 dBm typ
P1dB In
+4 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B60K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B60K1000 EPCOS-B60K1000 Datasheet
96Kb / 7P
Block Varistors HighE Series
logo
MDE Semiconductor, Inc.
B60K1000 MDE-B60K1000 Datasheet
36Kb / 1P
Metal Oxide Varistors
B60K1000 MDE-B60K1000 Datasheet
36Kb / 1P
Metal Oxide Varistors
logo
EPCOS
B60K1000 EPCOS-B60K1000 Datasheet
1Mb / 60P
SIOV Metal Oxide Varistors
B60K130 EPCOS-B60K130 Datasheet
96Kb / 7P
Block Varistors HighE Series
More results

Similar Description - B60K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B60A MICRONETICS-B60A Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60H MICRONETICS-B60H Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60V MICRONETICS-B60V Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B61A MICRONETICS-B61A Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61K MICRONETICS-B61K Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61Q MICRONETICS-B61Q Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61V MICRONETICS-B61V Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com