Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBHM280L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHM280L-HF
Description  Low VF SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM280L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBHM280L-HF Datasheet HTML 1Page - Comchip Technology CDBHM280L-HF Datasheet HTML 2Page - Comchip Technology CDBHM280L-HF Datasheet HTML 3Page - Comchip Technology CDBHM280L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125℃
TJ=25℃
TJ=100℃
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
1.0
0.1
10
0.1
0.3
0.9
0.5
1.1
1.7
0
0.7
1.3
1.5
20
TJ = 25 °C
PULSE W IDT H 300us
1% DU T Y C YCLE
CDBHM280L-HF~CDBHM2100L-HF
FIG. 1 - FORWARD CURRENT DERATING CURVE
2.8
2.0
1.2
0.4
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE ℃
FIG. 2 –MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
60
45
30
15
0
100
50
20
10
1
2
5
PULSE WIDTH 8.3mS
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
RATING AND CHARACTERISTIC CURVES (CDBHM220L-HF Thru. CDBHM2100L-HF)
SMD Diodes Specialist
COMCHIP
Low VF SMD Schottky Bridge Rectifiers
Page 2
REV: A
QW-JL004
Comchip Technology CO., LTD.
CDBHM220L-HF~CDBHM240L-HF
CDBHM250L-HF~
Reverse Voltage, (V)
0.1
10
1000
1
10
100
100
TJ=25
℃ f=1MHZ
CDBHM260L-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com