Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRX0520 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRX0520
Description  0.5 Amp Schottky Rectifier 20 to 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX0520 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRX0520 Datasheet HTML 1Page - Micro Commercial Components MBRX0520 Datasheet HTML 2Page - Micro Commercial Components MBRX0520 Datasheet HTML 3Page - Micro Commercial Components MBRX0520 Datasheet HTML 4Page - Micro Commercial Components MBRX0520 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.113
2.30
2.88
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.049
0.80
1.24
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
Extremely Low Thermal Resistance
For Surface Mount Application and High Current Capability
Higher Temp Soldering: 260
oC for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55
oC to +125oC
Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance: 5
oC/W Junction to Lead
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
TJ=90
o C
Peak Forward
Surge Current
IFSM
5A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
MBRX0520
MBRX0530
MBRX0540
MBRX0560
V F
0.45V
0.55V
0.55V
0.70V
IFM=0.5A
TJ=25
o C
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
0.3mA
TA=25
oC
Typical Junction
Capacitance
C J
30pF
Measured at
1.0MHz,
V R=4.0V
MBRX0520
THRU
MBRX0560
0.5 Amp
Schottky Rectifier
20 to 60 Volts
A
B
E
C
J
D
H
G
SOD323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
1 of 4
MBRX0520
20V
14V
20V
MBRX0530
30V
21V
30V
MBRX0540
40V
28V
40V
MBRX0560
60V
42V
60V
Maximum
DC
Blocking
Voltage
MCC Catalog
Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Classification Rating 94V-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision: 11
2008/12/02
2
6
3
4
Device
Marking
Power Dissipation
PD
250mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com