Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8AA2A2006 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
A
316 SS guarded probe
A A
316/316L SS rod with Ryton® guard insulation
max +400° F @ 250 psig/max 3500 psig @ +100° F (max +200° C @ 17 bar/max 240 bar @ +40° C)
8 A D
FM/CSA, probe length in inches
8 C D
FM/CSA, probe length in centimeters
BASIC MODEL NUMBER
CONFIGURATION STYLE
ROD, SEAL, AND INSULATION MATERIAL
Œ 
8
A
A
A
D
0
1
3⁄4" NPT
E
G1 (1" BSP) thread
PROCESS CONNECTION, 316/316L SS
0 1 8
18" for
3⁄4" NPT - 19" for G1 (1" BSP) thread
0 3 6
36" for
3⁄4" NPT - 37" for G1 (1" BSP) thread
0 4 5
45 cm for
3⁄4" NPT - 48 cm for G1 (1" BSP) thread
0 9 2
92 cm for
3⁄4" NPT - 95 cm for G1 (1" BSP) thread
INSERTION LENGTH (specify in digit 2)
14
Œ
Temperature at electronics should not exceed +160° F (+70° C).

Minimum temperature -40° F (-40° C)
G U A R D E D
R I G I D
P R O B E S
M O D E L
N U M B E R
GUARDED RIGID PROBES (for use with 811 and 822 only)
A complete measuring system consists of a:
1. Kotron electronics
2. Kotron probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com