| Electronic Components Datasheet Search |
|
815222322 Datasheet(PDF) 16 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
815222322 Datasheet(HTML) 16 Page - Magnetrol International, Inc. |
|
16 / 28 page ![]() 13 50-605 Kotron RF Point Model 80/81 Level Switches 2. Set the fail-safe mode for the alarm relays: a. In low level fail-safe mode, the alarm relay will be de-energized when the material level is BELOW the alarm set point. b. In high level fail-safe mode, the alarm relay will be de-energized when the material level is ABOVE the alarm set point. 3. Energize the instrument. The calibrate LEDs will be on regardless of the settings of the fail-safe switches or time delay setting. Relays set in the low level fail-safe (LLFS) mode will be energized and there will be continuity between the common (CM) and normally open (NO) relay terminations. This can be checked with an ohmmeter or other suitable continuity checking device. Relays set in the high level fail-safe (HLFS) mode will be de-energized and there will be continuity between the common (CM) and normally closed (NC) relay terminations. 4. If the vessel is not filled to the desired set point, increase level of material to the required set point. 5. Turn the zero adjustment counterclockwise (CCW) until LED indicator goes off (the relay will change state), then turn the control slowly in the CW direction until the LED indicator again comes on. Repeat this on–off procedure several times and leave the LED indicator on. The narrow differential alarm point is now calibrated. 2.8.5 Zero and Span Adjustment 2.8.5.1 Wide Differential — Vertical Probe Mount Only 1. With the probe installed in the vessel and the process material at the desired low level, turn both the zero and span adjustment on the left hand side of the printed circuit board clockwise a minimum of twenty full turns or until a clicking sound is detected. If the process material is not at this point, the material level must be changed until this point is reached. 2. Set the fail-safe mode for the relay: (Be sure Fail-safe Mode Selection has been set correctly). a. In low level fail-safe (LLFS) mode, relay is de-energized on rising level and remains de-energized until upper span point is reached. b. In high level fail-safe (HLFS) mode, relay is de-energized on falling level and remains de-energized until lower zero point is reached. 3. Energize the instrument. The calibrate LED will be on regardless of the position of the fail-safe switch. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |