Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8802PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8802PWPR
Description  DC MOTOR DRIVER IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8802PWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV8802PWPR Datasheet HTML 1Page - Texas Instruments DRV8802PWPR Datasheet HTML 2Page - Texas Instruments DRV8802PWPR Datasheet HTML 3Page - Texas Instruments DRV8802PWPR Datasheet HTML 4Page - Texas Instruments DRV8802PWPR Datasheet HTML 5Page - Texas Instruments DRV8802PWPR Datasheet HTML 6Page - Texas Instruments DRV8802PWPR Datasheet HTML 7Page - Texas Instruments DRV8802PWPR Datasheet HTML 8Page - Texas Instruments DRV8802PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Charge
Pump
Thermal
Shut down
AOUT1
AOUT2
BOUT1
BOUT2
GND
GND
0.1 F
m
0.01 F
m
VM
VMA
VMB
CP1
CP2
VCP
ISENA
ISENB
AENBL
AI0
BPHASE
BENBL
AVREF
HS Gate
Drive
VM
VM
Internal
Reference &
Regs
Int. VCC
Motor
Driver B
nFAULT
Control
Logic
nRESET
Motor
Driver A
APHASE
nSLEEP
VM
VM
V3P3OUT
3.3V
LS Gate
Drive
3.3V
BVREF
AI1
BI0
BI1
DCM
DCM
DECAY
DRV8802
SLVSAM9A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
DEVICE INFORMATION
Functional Block Diagram
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com