Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MXG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MXG Datasheet HTML 1Page - RUBYCON CORPORATION MXG Datasheet HTML 2Page - RUBYCON CORPORATION MXG Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXG
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
WV
Cap
(μF)
1800
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
◆STANDARD SIZE
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
WV
Cap
(μF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×30
20×35
22×25
22×30
22×35
22×40
22×45
22×50
22×30
22×35
22×40
22×45
25×25
30×25
30×30
30×35
30×40
30×45
30×50
30×25
30×30
30×30
30×35
30×40
30×50
30×25
1.47
1.58
1.82
20×25
20×30
20×30
20×35
22×25
1.15
1.32
1.47
1.69
1.73
1.97
2.22
2.43
2.75
3.30
22×25
22×30
22×35
22×40
22×50
1.44
1.79
2.03
2.39
2.64
2.22
2.43
2.75
3.30
3.60
4.05
2.97
3.38
2.11
2.33
2.55
2.97
1.32
22×30
22×35
22×40
1.69
1.98
2.23
25×25
25×30
1.69
1.98
25×40
25×45
25×50
2.55
2.89
3.30
2.11
25×30
25×35
25×40
25×45
2.55
2.97
3.22
3.65
2.75
3.30
3.60
4.05
4.56
4.77
2.39
2.64
2.97
3.38
3.80
4.10
20×25
20×30
20×35
20×40
20×45
25×25
25×30
25×35
25×40
25×45
25×50
25×45
25×50
1.79
25×25
1.60
1.73
1.97
2.22
2.43
20×25
20×30
20×30
20×35
20×40
1.24
1.44
1.59
1.79
2.03
35×25 3.30
35×30
35×35
35×40
4.05
4.56
4.77
35×25 2.64
35×30
35×35
35×40
35×45
3.38
3.80
4.10
4.30
2.55
30×30
30×35
30×40
30×45
3.22
3.65
4.04
4.48
30×25
30×30
30×35
30×40
30×45
30×50
2.23
2.55
2.89
3.30
3.67
3.80
35×25
35×30
35×35
35×40
35×45
35×50
35×25
3.22
3.65
4.04
4.48
4.75
5.25
2.55
35×35
35×40
35×45
3.67
3.80
4.05
WV
Cap
(μF)
390
330
470
560
680
820
1000
1200
1500
1800
2200
2700
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
160
180
WV
Cap
(μF)
470
390
330
270
220
560
680
820
1000
1200
1500
1800
2200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
200
220
20×25
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×25
20×30
20×35
20×40
20×45
20×25
20×30
20×30
20×35
20×40
22×25
22×30
22×30
22×35
22×40
22×25
22×25
22×30
22×35
22×40
22×45
22×25
22×30
22×30
22×35
22×40
22×25
22×25
22×30
22×35
22×40
22×45
25×30
25×35
25×40
25×45
25×25
25×25
25×35
25×45
25×50
25×30
25×25
25×30
25×35
25×40
25×45
25×25
25×25
25×30
25×35
25×40
25×50
30×25
30×30
30×35
30×40
30×45
30×25
30×25
30×35
30×30
30×45
30×50
35×35
35×40
35×45
35×35
35×30
35×40
35×45
30×25
30×30
30×35
30×40
30×45
30×25
30×25
30×30
30×35
30×40
35×30
35×30
35×35
35×40
35×50
35×30
35×35
35×40
35×45
1.28
1.40
1.50
1.70
0.99
1.20
1.34
1.48
20×40 1.60
1.20
1.28
1.38
1.50
1.70
0.98
1.08
1.26
1.34
1.48
20×45 1.61
1.40
1.50
1.70
2.00
2.20
1.20
1.34
1.48
1.60
1.75
2.04
1.28
1.38
1.50
1.70
2.00
1.08
1.26
1.34
1.48
1.61
1.78
22×50 1.93
2.00
2.20
2.30
2.50
1.48
1.60
1.75
2.04
2.30
2.65
1.50
1.70
2.00
2.20
2.30
25×50 2.50
1.34
1.48
1.61
1.78
1.93
2.33
2.20
2.30
2.50
2.70
2.90
1.75
2.04
2.30
2.65
2.80
3.08
2.70
20×25
25×25
35×30
1.17
1.70
2.50
35×25 2.30
2.90
3.10
2.65
2.80
3.08
3.48
2.00
2.20
2.30
2.50
2.70
30×50 2.90
1.61
1.78
1.93
2.33
2.50
30×50 2.76
2.30
35×25 2.20
2.50
2.70
2.90
3.10
2.33
35×25 1.93
2.50
2.76
3.11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com