Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

962-5DA0-032 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  962-5DA0-032 Datasheet HTML 1Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 2Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 3Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Echotel
® Model 961/962
Ultrasonic Level Switches
D E S C R I P T I O N
Increasing demands for compliance with safety systems
and overfill protection has mandated more reliable point
level measurement. Echotel® Models 961 & 962 Ultrasonic
Level Switches meet these demands with advanced trans-
ducer designs, extensive hazardous location approvals,
and a new self-test technology.
Model 961 offers the ultimate solution to reliable single
point liquid level measurement. This advanced switch
uses pulsed signal technology for superior performance in
difficult process conditions, and to provide excellent
immunity from sources of electrical noise interference.
Extensive self-testing of the electronics and transducer
make this advanced switch suitable for use in Safety
Integrity Level (SIL) 2 loops.
Model 962 is a dual point switch that can be used as a
level controller, or to control pumps in an auto fill or auto
empty mode. The tip sensitive lower gap performs well in
aerated or foamy liquids, and can measure to within
14" of
the vessel bottom. The rigidity of the unique flow-through
upper gap allows separations of up to 128" (325 cm)
between the upper and lower transducer gaps.
F E A T U R E S
Single or dual point liquid level measurement
Advanced self-test technology provides
unsurpassed testing of electronics, transducer,
piezoelectric crystals, and electromagnetic noise
Adjustable time delay for turbulent aerated liquids
Relay output or mA current shift with separate
malfunction indication
Integral or remote mount electronics
Pulsed signal technology
Extensive FM, CSA, and ATEX explosion proof and
intrinsically safe approvals
Suitable for Safety Integrity Level (SIL) 2 loops
Model 961
Model 962
A P P L I C A T I O N S
High level alarm
Low level alarm
Overfill protection
Pump protection
Seal pot level
Pump control
I N D U S T R I E S
Chemical
Petrochemical
Pulp and paper
Food and pharmaceutical
Power
Water and wastewater


Similar Part No. - 962-5DA0-032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
962-1822001VXC TI1-962-1822001VXC Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
962-1822001VXC TI1-962-1822001VXC Datasheet
2Mb / 51P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14V, 3.5A eFuse
MARCH 2024
logo
List of Unclassifed Man...
962-40202-03 ETC2-962-40202-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
962-40206-03 ETC2-962-40206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
962-40322-03 ETC2-962-40322-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
More results

Similar Description - 962-5DA0-032

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
Echotel짰 Model 910 Ultrasonic Level Switch
910-A1A0-006 MAGNETROL-910-A1A0-006 Datasheet
289Kb / 12P
Echotel짰 Model 910
940-111E-001 MAGNETROL-940-111E-001 Datasheet
154Kb / 4P
Echotel짰 Model 940/941 Ultrasonic Level Switch
940-111E-004 MAGNETROL-940-111E-004 Datasheet
225Kb / 8P
Echotel짰 Model 940/941
960-20A0-010 MAGNETROL-960-20A0-010 Datasheet
238Kb / 8P
Echotel짰 Models 960/961 Ultrasonic Level Switches for Hygienic Applications
960-58A0-031 MAGNETROL-960-58A0-031 Datasheet
251Kb / 8P
Echotel짰 Model 960 AS-Interface짰 Ultrasonic Level Switches
961 MAGNETROL-961 Datasheet
198Kb / 16P
SIL Safety Manual for Echotel Model 961/962
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com