Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A15-2E2B-BKB Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
S P E C I F I C A T I O N S
M O D E L
B 1 0
A C T U A T I O N
L E V E L S
INCHES (MM)
B10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENT 1
Displacer
Liquid
Type
Temp. ° F
Level
0.60 - 0.64
0.65 - 0.71
0.72 - 0.73
0.74 - 0.82
0.83 - 0.92
0.93 - 1.00
1.01 - 1.07
F
7.79 - 7.04
7.66 - 6.65
7.22 - 7.06
6.91 - 5.81
6.73 - 5.65
5.55 - 4.86
4.97 - 4.53
(197 - 178)
(194 - 168)
(133 - 179)
(175 - 147)
(180 - 143)
(140 - 123)
(126 - 115)
100
G
2.62 - 2.19
2.88 - 2.28
2.91 - 2.81
2.71 - 2.03
2.99 - 2.28
2.21 - 1.76
1.90 - 1.63
(56 - 55)
(73 - 57)
(73 - 71)
(68 - 51)
(75 - 57)
(56 - 44)
(48 - 41)
H
2.01 - 1.89
1.86 - 1.70
1.68 - 1.65
1.63 - 1.47
1.45 - 1.31
1.30 - 1.21
1.02 - 0.97
(51 - 48)
(47 - 43)
(42 - 41)
(41 - 37)
(36 - 33)
(33 - 30)
(25 - 24)
F
7.91
7.72 - 6.71
6.56 - 6.41
6.73 - 5.66
6.37 - 5.33
6.15 - 5.42
5.02 - 4.57
(200)
(196 - 170)
(166 - 162)
(170 - 143)
(161 - 135)
(156 - 137)
(127 - 116)
200
G
3.06
2.95 - 2.34
2.25 - 2.16
2.54 - 1.87
2.63 - 1.95
2.81 - 2.32
1.94 - 1.67
(77)
(74 - 59)
(57 - 54)
(64 - 47)
(66 - 49)
(71 - 58)
(49 - 42)
H
2.76
2.72 - 2.49
2.45 - 2.42
2.39 - 2.15
2.13 - 1.92
1.90 - 1.77
1.58 - 1.49
Porcelain
(70)
(69 - 63)
(62 - 61)
(60 - 54)
(54 - 48)
(48 - 44)
(40 - 37)
F—
7.48 - 6.34
7.04 - 5.93
6.75 - 5.98
5.57 - 5.10
(189 - 161)
(178 - 150)
(171 - 151)
(141 - 129)
300
G——
3.29 - 2.55
3.30 - 2.56
3.41 - 2.87
2.50 - 2.19
(83 - 64)
(83 - 65)
(86 - 72)
(63 - 55)
H—
3.14 - 2.83
2.80 - 2.53
2.50 - 2.32
2.13 - 2.01
(79 - 71)
(71 - 64)
(63 - 58)
(54 - 51)
F—
6.12 - 5.62
(155 - 142)
400
G——
3.05 - 2.72
(77 - 69)
H—
2.68 - 2.53
(68 - 64)
Note: All levels ±0.25" (6).
Displacer
Liquid
Type
Temp. ° F
Level
1.08 - 1.12
1.13 - 1.17
1.18 - 1.27
1.28 - 1.30
1.31 - 1.39
1.40 - 1.50
F
4.47 - 4.20
4.90 - 4.64
4.57 - 4.05
3.99 - 3.89
4.23 - 3.82
3.77 - 3.33
(113 - 106)
(124 - 117)
(116 - 102)
(101 - 98)
(107 - 97)
(95 - 84)
100
G
1.59 - 1.43
2.16 - 1.99
1.94 - 1.60
1.57 - 1.50
1.86 - 1.59
1.56 - 1.26
(40 - 36)
(54 - 50)
(49 - 40)
(39 - 38)
(47 - 40)
(39 - 32)
H
0.96 - 0.92
0.92 - 0.88
0.88 - 0.81
0.81 - 0.80
0.79 - 0.74
0.74 - 0.69
(24 - 23)
(23 - 22)
(22 - 20)
(20 - 20)
(20 - 18)
(18 - 17)
F
4.66 - 4.39
4.33 - 4.08
4.32 - 3.81
4.29 - 4.18
4.13 - 3.73
3.93 - 3.47
(118 - 111)
(109 - 103)
(109 - 96)
(108 - 106)
(104 - 94)
(99 - 88)
200
G
1.79 - 1.62
1.58 - 1.43
1.69 - 1.36
1.87 - 1.80
1.76 - 1.49
1.71 - 1.40
(45 - 41)
(40 - 36)
(42 - 34)
(47 - 45)
(44 - 37)
(43 - 35)
H
1.48 - 1.42
1.41 - 1.36
1.35 - 1.25
1.24 - 1.23
1.22 - 1.15
1.14 - 1.06
(37 - 36)
(35 - 34)
(34 - 31)
(31 - 31)
(30 - 29)
(28 - 26)
F
5.18 - 4.89
4.82 - 4.56
4.79 - 4.25
4.73 - 4.61
4.56 - 4.13
4.32 - 3.84
(131 - 124)
(122 - 115)
(121 - 107)
(120 - 117)
(115 - 104)
(109 - 97)
Porcelain
300
G
2.31 - 2.12
2.08 - 1.91
2.16 - 1.80
2.31 - 2.23
2.19 - 1.90
2.11 - 1.78
(58 - 53)
(52 - 48)
(54 - 45)
(58 - 56)
(55 - 48)
(53 - 45)
H
1.99 - 1.92
1.90 - 1.84
1.82 - 1.69
1.68 - 1.66
1.64 - 1.55
1.54 - 1.43
(50 - 48)
(48 - 46)
(45 - 42)
(42 - 42)
(41 - 39)
(39 - 36)
F
5.70 - 5.39
5.32 - 5.04
5.26 - 4.69
5.17 - 5.04
4.98 - 4.53
4.72 - 4.22
(144 - 136)
(135 - 128)
(133 - 119)
(131 - 128)
(126 - 115)
(119 - 107)
400
G
2.82 - 2.62
2.57 - 2.39
2.63 - 2.24
2.74 - 2.66
2.61 - 2.30
2.51 - 2.15
(71 - 66)
(65 - 60)
(66 - 56)
(69 - 67)
(66 - 58)
(63 - 54)
H
2.51 - 2.42
2.40 - 2.32
2.30 - 2.13
2.12 - 2.08
2.07 - 1.95
1.94 - 1.81
(63 - yt61)
(60 - 58)
(58 - 54)
(53 - 52)
(52 - 49)
(49 - 45)
F
6.22 - 5.89
5.81 - 5.52
5.74 - 5.13
5.60 - 5.47
5.41 - 4.93
5.12 - 4.59
(157 - 149)
(147 - 140)
(145 - 130)
(142 - 138)
(137 - 125)
(130 - 116)
500
G
3.34 - 3.12
3.07 - 2.86
3.11 - 2.68
3.18 - 3.09
3.04 - 2.70
2.91 - 2.52
(84 - 79)
(77 - 72)
(78 - 68)
(80 - 78)
(77 - 68)
(73 - 64)
H
3.03 - 2.92
2.89 - 2.79
2.77 - 2.57
2.55 - 2.51
2.50 - 2.35
2.33 - 2.18
(76 - 74)
(73 - 70)
(70 - 65)
(64 - 63)
(63 - 59)
(59 - 55)
Note: All levels ±0.25" (6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com