Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B24-1B10-CKP Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # B24-1B10-CKP
Description  External Cage Float Actuated Liquid Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B24-1B10-CKP Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button B24-1B10-CKP Datasheet HTML 17Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 18Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 19Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 20Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 21Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 22Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 23Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 24Page - Magnetrol International, Inc. B24-1B10-CKP Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
46-630 Boiler External Cage Liquid Level Switches
21
2. Check the chamber mounting within 3° of vertical after
the boiler installation.
3. Raise level in the vessel sufficient to raise the float and trip
the switch. Lower level in the vessel sufficient to lower
float and reset the switch. Confirm switch trips and resets
at expected levels (contact Magnetrol for specific informa-
tion on trip points; please have the serial number of the
unit readily available).
4.2
What to do — every 12 months (minimum)
4.2.1 Switch Corrosion Inspection
For every 12 months in service, conduct the following
maintenance and inspection checks in addition to cus-
tomer specific or code requirements.
NOTE: For applications where the switches are exposed to corrosive
environments this inspection should be conducted every 3
months.
1. Disconnect power to the switch.
2. Remove switch housing cover to inspect switch mecha-
nisms for visible signs of corrosion on terminals and wires.
NOTE: If cover is difficult to remove, secure base to prevent it from
moving while loosening it. Loosen set screws securing the
base to the enclosing tube prior to using a cross-bar or ham-
mer to loosen cover. Loosening the set screws will prevent
the enclosing tube from loosening resulting in possible leaks.
3. Switches should be inspected for excessive wear on actuat-
ing lever or misalignment of adjustment screw at point of
contact between screw and lever. Such wear can cause false
switch actuating levels. Adjust switch mechanism to
compensate (if possible) or replace switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com