Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G3F-PB80-JGF Datasheet(PDF) 27 Page - Magnetrol International, Inc.

Part # G3F-PB80-JGF
Description  Liquid Level Switches ASME B31.1 Construction
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

G3F-PB80-JGF Datasheet(HTML) 27 Page - Magnetrol International, Inc.

Back Button G3F-PB80-JGF Datasheet HTML 23Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 24Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 25Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 26Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 27Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 28Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 29Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 30Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 31Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
46-624 Series 3 Liquid Level Switches ASME B31.1 Construction
27
SEALED CAGE FLOAT MODELS
Sealed Cage
Actuation Levels
Models
Pressure
Temperature
Specific Gravity
HL
LL
B35
812 psig (56 bar)
+520° F (+271° C)
0.76
3.33 (85)
3.91 (99)
C35
379 psig (26 bar)
+443° F (+227° C)
0.83
4.05 (103)
4.57 (116)
G35
546 psig (38 bar)
+476° F (+247° C)
0.80
4.33 (110)
4.77 (121)
V35
1044 psig (72 bar)
+550° F (+288° C)
0.74
3.19 (81)
3.81 (97)
Z35
1113 psig (77 bar)
+558° F (+292° C)
0.73
3.39 (86)
3.97 (101)
Flanged
Head Flange
Actuation Levels
Cage Models
Lbs.
Pressure
Temperature
Specific Gravity
HL
LL
150
201 psig (14 bar)
+388° F (+199° C)
0.87
3.32 (84)
4.13 (105)
B3F
300
601 psig (41 bar)
+489° F (+254° C)
0.79
2.82 (72)
3.53 (90)
600
819 psig (56 bar)
+523° F (+271° C)
0.77
2.67 (68)
3.57 (91)
150
201 psig (14 bar)
+388° F (+199° C)
0.87
5.32 (135)
5.75 (146)
G3F
300
557 psig (38 bar)
+481° F (+249° C)
0.80
4.62 (117)
5.06 (129)
600
819 psig (56 bar)
+523° F (+271° C)
0.76
4.29 (109)
5.00 (127)
K3F
600
1123 psig (77 bar)
+559° F (+293° C)
0.73
4.21 (107)
4.65 (118)
Z3F
600
1132 psig (78 bar)
+560° F (+293° C)
0.73
3.50 (89)
4.09 (104)
900
1564 psig (108 bar)
+602° F (+317° C)
0.68
3.18 (81)
3.84 (98)
5.2.5 Actuating Levels*, Steam Service Ratings and Specific Gravities
For float operated units, minimum specific gravities and actuating levels vary depending upon the
material of construction code used with the unit.
NOTE: The minimum specific gravities and actuating levels shown are for single switch units with 1" process
connections only. Minimum specific gravities and levels will change for multistage units and levels
will change for units with 11⁄2 or 2" process connections. Consult factory for these changes.
*The level decals on the control identify the actuation levels for units with three switches at the corre-
sponding minimum specific gravity of the three switch configuration.
Inches (mm)
FLANGED CAGE FLOAT MODELS
Levels ± 0.25" (6 mm)
Levels ± 0.25" (6 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com