Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B40-HF30-9DM Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # B40-HF30-9DM
Description  B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-HF30-9DM Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  B40-HF30-9DM Datasheet HTML 1Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 2Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 3Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 4Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 5Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 6Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 7Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( M M )
B40-PC20
B40-PC30
B40-PC40 and B40-HC40
25.63 (651)
10.56
(268)
11/2" Socket Weld
10.12
(257)
6.63
(168)
5.06
(129)
11/2" Socket Weld
C
L
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
9.50
(241)
Plug
7.19
(132)
5.93
(150)
3.87 (98)
Electrical
Connection
8.46
(214)
10.12
(257)
19.62 (498)
7.56
(192)
11/2" Socket Weld
9.50
(241)
6.62
(168)
4.75
(121)
1 " Socket Weld
1 2
C
L
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.50
(215)
7.19
(182)
Plug
8.46
(214)
5.93
(150)
3.87
(98)
10.12
(257)
Electrical
Connection
19.88 (504)
7.19
(182)
1" Socket Weld
8.30
(210)
5.56
(141)
1" Socket Weld
C
L
Rotation Clearance
0.50 (13)
0.50 (13)
Rising Level
Falling Level
4.18
(106)
4.15
(105)
Plug
7.19
(132)
C
A
D
5.93
(150)
3.87 (98)
Electrical
Connection
8.46
(214)
10.12
(257)
B A S I C
E L E C T R I C A L
R A T I N G S
Voltage
Switch Series and Non-Inductive Ampere Rating
C
D
F
HS
R
S/AC
S/DC
8
9
120 VAC
15.00
10.00
2.50
5.00
1.00
15.00
10.00
1.00
240 VAC
15.00
5.00
1.00
15.00
24 VDC
10.00
10.00
4.00
5.00
1.00
10.00
10.00
3.00
0.50
120 VDC
1.00
10.00
0.30
0.50
0.40
1.00
4.00
240 VDC
0.50
3.00
0.25
0.50
3.00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com