Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C29-1N30-JDG Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # C29-1N30-JDG
Description  Float Actuated Liquid Level Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

C29-1N30-JDG Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button C29-1N30-JDG Datasheet HTML 16Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 17Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 18Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 19Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 20Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 21Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 22Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 23Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 24Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
46-605 Flanged External Cage Float Actuated Liquid Level Switches
21
6.2.3 Model C29 TDM
Housing kit: includes items 1 and 2
Refer to Section 6.2.2
Switch mechanism
Refer to Section 6.2.2
Enclosing tube kit: includes items 4 and 5
89-5909-002
Enclosing tube gasket
12-1204-001
Head flange kit: includes items 5, 6, 7, 8, and 9
89-4203-001
Flange gasket
12-1301-025
Upper float and stem kit: includes items 9, 10, 11, 12, 13, 14 and 15
89-3217-001
Lower float and stem kit: includes items 9, 16, 17, 18 and 19
Special order
Œ
Float chamber kit: includes items 7, 8, 9, and 20
Special order
Œ
6.2.4 Models D30 TDM, J30 TDM and L30 TDM
Housing kit: includes items 1 and 2
Refer to Section 6.2.2
Switch mechanism
Refer to Section 6.2.2
Enclosing tube kit
089-5909-002
includes items 4 and 5
Enclosing tube gasket
012-1204-001
Head flange kit
089-4204-001
089-4205-001
includes items 5, 6, 7, 8, and 9
Flange gasket
012-1301-023
012-1301-026
Upper float and stem kit
089-3218-001
089-3219-001
089-3220-001
includes items 9,10,11,12,13,14, and 15
Lower float and stem kit
Special order Œ
includes items 9, 16, 17, 18, and 19
Float chamber kit
Special order Œ
includes items 7,8 9, and 20
D30 TDM 
J30 TDM
L30 TDM
6.2.5 Models B60 TDM and C60 TDM
Housing kit: includes items 1 and 2
Refer to Section 6.2.2
Switch mechanism
Refer to Section 6.2.2
Enclosing tube kit: includes items 4 and 5
089-5933-004
089-5933-011
Enclosing tube gasket
012-1204-001
012-1204-001
Head flange kit: includes items 5, 6, 7, 8, and 9
089-4206-001
089-4206-002
Flange gasket
012-1204-015
012-1301-024
Upper float and stem kit: includes items 9, 10, 11, 12, 13, 14, and 15
089-3222-001
089-3223-001
Lower float and stem kit: includes items 9, 16, 17, 18, and 19
Special order
Œ
Float chamber kit: includes items 7, 8, 9, and 20
Special order
Œ
B60 TDM
C60 TDM
NOTE: All replacement assemblies listed are furnished in kit form for standard base models. Consult local representative for ordering assistance
on all special model replacement parts or accessories not included in above listing.
Œ Specify model and serial number when ordering special order items.
 Model D30 unit is specially designed for Dowtherm “A” service only, with Hastelloy® C enclosing tube.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com