Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B60-2C30-JEE Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # B60-2C30-JEE
Description  Float Actuated Liquid Level Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B60-2C30-JEE Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button B60-2C30-JEE Datasheet HTML 9Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 10Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 11Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 12Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 13Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 14Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 15Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 16Page - Magnetrol International, Inc. B60-2C30-JEE Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
46-605 Flanged External Cage Float Actuated Liquid Level Switches
13
11. Check float to be certain it is buoyant in the liquid (float
chamber or vessel must have adequate liquid level). If float
is determined to be filled with liquid, or it is collapsed, it
must be replaced immediately.
Caution: Do not attempt to repair a float. See Replacement of
Standard Float and Stem Assembly, Section 2.5.
If all components in the control are in operating condition,
the trouble is likely located external to the control. Repeat
inspection of external conditions as previously described.
NOTE: If difficulties are encountered which cannot be identified,
consult the factory or your local representative for assistance.
A complete description of the trouble should be provided
along with information concerning your piping and mounting
arrangement, plus a description of your operating sequence.
Sketches or photographs showing the installation are also
beneficial.
When inquiring about your control, be certain to always
specify the complete Model and Serial numbers.
4.0
Preventive Maintenance
Periodic inspections are necessary to keep your level
control in good working order. This control is a safety
device to protect the valuable equipment it serves. A
systematic program of “preventive maintenance” must be
implemented when the control is placed into service. If
the following sections on “what to do” and “what to avoid”
are observed, your control will provide reliable protection
of your equipment for many years.
4.1
What To Do
4.1.1 Keep control clean
Be sure the switch housing cover is always in place on the
control. This cover is designed to keep dust and dirt from
interfering with switch mechanism operation. It also pro-
tects against damaging moisture and acts as a safety feature
by keeping bare wires and terminals from being exposed.
Should the housing cover or any seals become damaged or
misplaced, obtain a replacement immediately.
4.1.2
Inspect switch mechanisms, terminals, and
connections monthly
1. Dry contact switches should be inspected for excessive
wear on actuating lever or misalignment of adjustment
screw at point of contact between screw and lever.
A
0.03"
Minimum
gapsetting
Topjam
nuts
Bottomjam
nuts
Attraction
sleeve
Enclosingtube
(ref.)
Stoptube
Sleeve
stopstrap
Retaining
screws
Floatandstem
assembly
Head
flange
(ref.)
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com