Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWD2N60 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWD2N60
Description  N-channel MOSFET (TO-251 , TO-252)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWD2N60 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWD2N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWD2N60 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 5.0 Ω)@VGS=10V
■ Gate Charge (Max 15nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics,
such as fast switching time, low on resistance, low gate charge and especially excellent
avalanche characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and SMPS. It’s typical application is TV and monitor.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
2.0
A
Continuous Drain Current (@T
C=100
oC)
1.2
A
I
DM
Drain current pulsed
(note 1)
8.0
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
154
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
4.7
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
40
W
Derating Factor above 25oC
0.37
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
3.2
oC/W
R
thja
Thermal resistance, Junction to ambient
110
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 600V
I
D
: 2.0A
R
DS(ON) : 5.0ohm
1
2
3
1
2
3
1
2
3
TO-251
TO-252
1. Gate 2. Drain 3. Source
SW2N60
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW I 2N60
SW2N60
TO-251
TUBE
2
SW D 2N60
SW2N60
TO-252
REEL
Order Codes


Similar Part No. - SWD2N60

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SWD2N60 DOINGTER-SWD2N60 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SWD2N60 VBSEMI-SWD2N60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SWD2N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com