Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T20-1B2A-9DR Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # T20-1B2A-9DR
Description  Liquid Level Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T20-1B2A-9DR Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button T20-1B2A-9DR Datasheet HTML 16Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 17Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 18Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 19Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 20Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 21Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 22Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 23Page - Magnetrol International, Inc. T20-1B2A-9DR Datasheet HTML 24Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Maximum
Maximum
Switch
Supply
Process
Bleed Orifice
NEMA 1
Description
Pressure
Temperature
Diameter
100 psig
.063
JDE
(7 bar)
400° F
(1.6 mm)
Series J
60 psig
(204° C)
.094
JEE
Bleed Type
(4 bar)
(2.4 mm)
100 psig
700° F
.055
JFE
(7 bar)
(371° C)
(1.4 mm)
Series K
100 psig
—
KOE
Non-Bleed
(7 bar)
400° F
40 psig
(204° C)
—
KOG
(3 bar)
21
44-604 Top Mounting Liquid Level Switches
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
PNEUMATIC SWITCH MECHANISM AND ENCLOSURE
Switch
Description
Process

Temperature
Range
°F (°C)
Contacts
Set
Points
T20-1 Models
T20-4 Models
TYPE 4X/7/9 Aluminum Enclosure
‘’
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Series B
Snap Switch
-40 to +250
(-40 to +121)
SPDT
1
BKP
BKT
BAC
BKQ
BKS
BA9
DPDT
1
BNP
BNT
BBC
BNQ
BNS
BB9
Series C
Snap Switch
-40 to +450
(-40 to +232)
SPDT
1
CKP
CKT
CAC
CKQ
CKS
CA9
DPDT
1
CNP
CNT
CBC
CNQ
CNS
CB9
Series D DC Current
Snap Switch
-40 to +250
(-40 to +121)
SPDT
1
N/A
DKQ
BKS
DA9
DPDT
1
DNQ
DNS
DB9
Series F
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
FKP
FKT
FAC
FKQ
FSS
FA9
DPDT
1
FNP
FNT
FBC
FNQ
FNS
FB9
Series HS
Hermetically Sealed
5-amp Snap Switch
with Wiring Leads
-50 to +550
“
(-46 to +288)
SPDT
1
HMC
HEK ”
N/A
HMC
HEK
”
N/A
DPDT
1
HMF
HET ”
HMF
HET
”
Series HS
Hermetically Sealed
5-amp Snap Switch
with Terminal Block
-50 to +550
“
(-46 to +288)
SPDT
1
HM3
HM4
HA9
HM3
HM4
HA9
DPDT
1
HM7
HM8
HB9
HM7
HM8
HB9
Series H1
Hermetically Sealed
1-amp Snap Switch
with Wiring Leads
-50 to +750
(-46 to +399)
SPDT
1
HKC
N/A
HKC
N/A
Series R
High Temperature
Snap Switch
-40 to +750
(-40 to +399)
SPDT
1
RKQ
RKS
RA9
RKQ
RKS
RA9
DPDT
1
RNQ
RNS
RB9
RNQ
RNS
RB9
Series 8
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
8KP
8KT
8AC
8KQ
8KS
8A9
DPDT
1
8NP
8NT
8BC
8NQ
8NS
8B9
Series 9
High Temperature
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
9KP
9KT
9AC
9KQ
9KS
9A9
DPDT
1
9NP
9NT
9BC
9NQ
9NS
9B9
Switch
Description
Process

Temp. Range
°F (°C)
Contacts
Set
Points
CS/Aluminum
Cast Iron
CS/Aluminum
Cast Iron
NEMA 4X
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
NEMA 4X
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
Series R
High Temperature
Snap Switch
-40 to +1000
(-40 to +538)
SPDT
1
R1Y
RKY
RKW
R1Y
RKY
RKW
DPDT
1
RDY
RNY
RNW
RDY
RNY
RNW
Series 9
High Temperature
Hermetically Sealed
Snap Switch
-50 to +1000
(-46 to +538)
SPDT
1
9AR
9KR
9KV
9AY
9KY
9KW
DPDT
1
9DR
9NR
9NV
9DY
9NY
9NW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com