Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T32-003N-A3D Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # T32-003N-A3D
Description  Tuffy짰 II Liquid Level Controls with Electric Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T32-003N-A3D Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button T32-003N-A3D Datasheet HTML 17Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 18Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 19Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 20Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 21Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 22Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 23Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 24Page - Magnetrol International, Inc. T32-003N-A3D Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2.8 Model Numbers
Narrow Differential:
Switch differential of approximately 0.5" (1.7" on interface unit), for actuation of an alarm
or system shutdown.
Interface Service:
Switch to detect the interface between two liquids with SGUs that differ by at least 0.1.
Single Liquid:
Switch to detect the top of layer of a single liquid with no other liquid above it.
Adjustable Differential:
Wide switch differential from approximately 1.36" to 18.26" which may be adjusted in the
field by repositioning pins on the adjustment plate.
44-607 Tuffy II Liquid Level Switch
21
Basic Model Flow Chart
See following pages for complete model selection
Narrow
Differential
Interface
Single Liquid
Hastelloy C
Wetted Parts
Carbon Steel
and/or 316 SS
Wetted Parts
NPT Conn
0.4 min SG
720 psi
0.6 min. SG
1500 psi
Flange Conn
300# ANSI
0.4 min. SG
600# ANSI
0.6 min. SG
900# ANSI
0.6 min. SG
T3B
T33
T31
T35
T31
T35
T32
T34
0.7 min. SG
Up to 2625 psi
Wide
Differential
T3C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com