Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T52-1E3N-KOG Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # T52-1E3N-KOG
Description  Side Mounting Liquid Level Controls
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T52-1E3N-KOG Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button T52-1E3N-KOG Datasheet HTML 16Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 17Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 18Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 19Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 20Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 21Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 22Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 23Page - Magnetrol International, Inc. T52-1E3N-KOG Datasheet HTML 24Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
44-602 Side Mounting Liquid Level Controls
21
3.5
Replacement Parts
3.5.3 Models T62 Threaded, T62 Flanged, T67 Threaded and T67 Flanged
T62 Threaded
T62 Flanged
T67 Threaded
T67 Flanged
Switch hsg cover
Refer to Bulletin 42-680/42-780 for switch housing cover and base assembly
Switch hsg base
Refer to Bulletin 42-680/42-780 for switch housing cover and base assembly
Switch mechanism
Refer to bulletin on switch mechanism furnished (refer to chart on page 7)
Spacer bracket
Not required
005-7542-121
Rd head screws
Not required
010-1409-006
Standard sleeve assy
Œ
(includes items 6 through 16)
089-5510-001
089-5511-001
Sheathed sleeve assy
Œ
(includes items 6 through 16)
089-5514-001
N/A
N/A
Float
2.50
089-5546-001
2.50 x 4.00
089-5553-001
3.00
089-5551-001
3.50
089-5552-001
3.00 x 5.00
089-5554-001
3.00 x 6.00
089-5555-001
Body
Consult Factory
E-tube gasket
012-1301-002
Enclosing tube
Z32-6325-001 
Z32-6325-007
Flange gasket
Not Required
Not Available
Ž
Not Required
Not Available
Ž
NOTES:
All replacement assemblies listed are for standard base models which use Series B, C, D, F, 8, 9 and J switch
mechanisms only. Consult your local representative for ordering assistance on all special model replacement parts
not listed above.
Œ Sleeve kits contain 8.00 inch (203 mm) stem lengths. Consult factory for longer stem lengths. Standard sleeve
is type 400 series stainless steel. Sheathed attraction sleeves are used on models specified for corrosive
service. Sheathed sleeve kits are used on models with material of construction codes 2 through 9.
 This e-tube is for models with material of construction code 1 only. Consult factory for e-tubes used with other
material of construction codes.
Ž Flange gaskets used on models T62 and T67 are standard ANSI type, readily available at local supply houses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com