Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM24W256 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM24W256
Description  256Kb Wide Voltage Serial F-RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24W256 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM24W256 Datasheet HTML 5Page - Ramtron International Corporation FM24W256 Datasheet HTML 6Page - Ramtron International Corporation FM24W256 Datasheet HTML 7Page - Ramtron International Corporation FM24W256 Datasheet HTML 8Page - Ramtron International Corporation FM24W256 Datasheet HTML 9Page - Ramtron International Corporation FM24W256 Datasheet HTML 10Page - Ramtron International Corporation FM24W256 Datasheet HTML 11Page - Ramtron International Corporation FM24W256 Datasheet HTML 12Page - Ramtron International Corporation FM24W256 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FM24W256 - 256Kb Wide Voltage I2C F-RAM
Rev. 1.3
July 2011
Page 13 of 13
Revision History
Revision
Date
Summary
1.0
11/19/2010
Initial Release
1.1
1/17/2011
Added ESD ratings. Changed VIH (max) to VDD+0.3V.
1.2
2/15/2011
Changed to MSL-2 for EIAJ package. Changed tPU and tVF spec limits.
1.3
7/12/2011
EIAJ package is Not Recommended for New Designs (NRND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com