Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA2-A000-031 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # TA2-A000-031
Description  Thermal Dispersion Mass Flow Transmitter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TA2-A000-031 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button TA2-A000-031 Datasheet HTML 17Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 18Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 19Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 20Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 21Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 22Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 23Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 24Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
A01 Loop Config
to select
I/O Config
to select
A02 Loop Config
to select
Totalizers
to select
Transistor Out
to select
Damping (0 –15)
[entered value]
Loop Control
[selection]
LRV (4 mA) Set
[entered value]
URV (20 mA) Set
[entered value]
Fault State
[selection]
Previous Menu
to select
Loop Control
[selection]
LRV (4 mA) Set
[entered value]
URV (20 mA) Set
[entered value]
Flow
Mass
Transistor Output
configuration is
only available on units
which have this option.
Secondary loop
configuration is
only available on units
which have this option.
TA2 User Interface
I/O Configuration Menu
DEL
DEL
DEL
DEL
DEL
DEL
DEL
DEL
DEL
DEL
ENT
DEL
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
UP
DN
decimal entry
in selected
units
decimal entry
in selected
units
decimal entry
in selected
units
decimal entry
in selected
units
ENT
DEL
22 mA
3.6 mA
Hold
ENT
DEL
[inc/dec]
0–15
ENT
DEL
Flow
Mass
Process Temp
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
ENT
DEL
see page 23
for Totalizer
Configuration
see page 24 for
Transistor Output
Configuration
Previous Menu
to select
Previous Menu
to select
2.5.8 I/O Configuration Menu
The I/O Configuration menu is used to set up the operations of 4–20 mA output, the totalizer,
and the pulse/alarm output.
21
54-631 Thermatel Model TA2 Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com