Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA1283 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA1283
Description  Band Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA1283 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA1283 Datasheet HTML 1Page - Vishay Siliconix BA1283 Datasheet HTML 2Page - Vishay Siliconix BA1283 Datasheet HTML 3Page - Vishay Siliconix BA1283 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BA1282, BA1283
Vishay Semiconductors
Band Switching Diodes
Document Number: 85525
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.9, 05-Aug-10
Diodes Americas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
2
TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified
Fig. 1 - Dynamic Forward Resistance vs. Forward Current
Fig. 2 - Diode Capacitance vs. Reverse Voltage
Fig. 3 - Board for RthJA Definition (in mm)
0.1
1
10
0.1
1
10
100
IF - Forward Current (mA)
100
94 9076
BA1282
BA1283
f = 200 MHz
T
j = 25 °C
1
0.1
0
0.5
1.0
1.5
2.0
3.0
100
10
94 9077
2.5
VR - Reverse Voltage (V)
BA1282
BA1283
f = 200 MHz
T
j = 25 °C
2.5
0.71
1.3
1.27
24
0.152
0.355
95 10329



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com