Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS85-M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS85-M
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS85-M Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS85-M Datasheet HTML 1Page - Vishay Siliconix BAS85-M Datasheet HTML 2Page - Vishay Siliconix BAS85-M Datasheet HTML 3Page - Vishay Siliconix BAS85-M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS85-M
Document Number 83403
Rev. 1.0, 13-Jan-11
Vishay Semiconductors
www.vishay.com
1
94 9371
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diode
Features
• For general purpose applications
• This diode features low turn-on voltage
• The devices are protected by a PN
junction guard ring against excessive
voltage, such as electrostatic discharges
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Applications
• Applications where a very low forward voltage is
required
Mechanical Data
Case: MiniMELF SOD-80
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/2.5K per 7" reel (8 mm tape), 12.5K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Part
Ordering code
Type Marking
Remarks
BAS85-M
BAS85-M-18 or BAS85-M-08
-
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Continuous reverse voltage
VR
30
V
Forward continuous current
IF
2001)
mA
Peak forward current
IFM
3001)
mA
Surge forward current
tp < 1 s
IFSM
6001)
mA
Power dissipation
Tamb = 65 °C
Ptot
2001)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
4301)
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to +150
°C


Similar Part No. - BAS85-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS85-M VISHAY-BAS85-M Datasheet
89Kb / 4P
Small Signal Schottky Diode
16-Nov-2021
BAS85-M VISHAY-BAS85-M_V01 Datasheet
89Kb / 4P
Small Signal Schottky Diode
16-Nov-2021
More results

Similar Description - BAS85-M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com