Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3LP01S Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP01S
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01S Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP01S Datasheet HTML 1Page - Sanyo Semicon Device 3LP01S Datasheet HTML 2Page - Sanyo Semicon Device 3LP01S Datasheet HTML 3Page - Sanyo Semicon Device 3LP01S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3LP01S
No.6681-3/4
0
0
--1
--2
--3
--4
--5
--6
--7
--8
1.6
0.6
0.8
1.0
1.2
1.4
0.2
0.4
--9
--10
Total Gate Charge, Qg -- nC
VGS -- Qg
VDS= --10V
ID= --0.1A
0
1.0
--5
10
7
5
3
2
7
5
3
2
--10
--15
100
--20
--30
--25
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
f=1MHz
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--1.1
--0.01
--0.1
3
2
7
5
3
2
Diode Forward Voltage, VSD -- V
IS -- VSD
VGS=0V
IT00085
IT00087
IT00088
Ciss
Coss
Crss
--0.01
23
5
7
10
7
5
3
2
7
5
3
2
--0.1
1000
100
Drain Current, ID -- A
SW Time -- ID
IT00086
VDD= --15V
VGS= --4V
tf
tr
td(off)
td(on)
--0.01
0.01
--0.1
1.0
7
5
3
2
7
5
3
2
0.1
3
2
7
5
3
2
Drain Current, ID -- A
yfs -- ID
VDS= --10V
--60
4
2
--40
6
--20
8
10
0
12
14
20
40
16
60
18
80
100
120
140
160
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
I D
= -
-30mA,
V GS
= -
-2.5V
I D
= --50mA,
V GS
= --4.0V
IT00083
IT00084
Ta= -
-25°C
25
°C
75°C
--0.01
1.0
--0.1
10
7
5
3
2
100
7
5
3
2
3
2
7
5
3
2
Drain Current, ID -- A
Drain Current, ID -- mA
RDS(on) -- ID
VGS= --2.5V
--0.1
--1.0
1000
7
5
3
2
100
7
5
3
2
10
23
23
5
7
RDS(on) -- ID
VGS= --1.5V
IT00081
IT00082
--25
°C
--25
°C
25
°C
Ta=75
°C
Ta=75
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com