Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3LP01SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP01SS
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP01SS_06 Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5LN01C
No.6555-3/4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.01
0.1
3
2
7
5
3
2
Diode Forward Voltage, VSD -- V
IS -- VSD
VGS=0V
05
10
10
15
100
7
5
3
2
7
5
3
2
1.0
20
25
30
35
40
45
50
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
Ciss
Coss
Crss
f=1MHz
0.01
10
0.1
23
5
7
1000
100
7
5
3
2
7
5
3
2
Drain Current, ID -- A
SW Time -- ID
VDD=25V
VGS=4V
td(off)
td(on)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
Total Gate Charge, Qg -- nC
VGS -- Qg
VDS=10V
ID=100mA
IT00062
IT00063
IT00064
IT00065
tr
tf
--60
0
2
4
6
8
10
12
14
--40
--20
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
I D
=30mA,
V GS
=2.5V
I D
=50mA,
V GS
=4.0V
0.01
0.01
0.1
23
5
7
2
1.0
0.1
7
5
3
2
7
5
3
2
3
Drain Current, ID -- A
yfs -- ID
VDS=10V
IT00060
IT00061
Ta= -
-25°C
25°C
75°C
0.01
1.0
0.1
23
5
7
2
10
7
5
3
2
100
7
5
3
2
3
Drain Current, ID -- A
RDS(on) -- ID
VGS=2.5V
--25
°C
25
°C
Ta=75
°C
0.001
1.0
0.01
23
5
7
2
10
7
5
3
2
100
7
5
3
2
3
Drain Current, ID -- A
RDS(on) -- ID
VGS=1.5V
IT00058
IT00059
--25
°C
25
°C
Ta=75
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com