Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNK415LG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK415LG
Description  LinkSwitch-PH LED Driver IC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK415LG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK415LG Datasheet HTML 5Page - Power Integrations, Inc. LNK415LG Datasheet HTML 6Page - Power Integrations, Inc. LNK415LG Datasheet HTML 7Page - Power Integrations, Inc. LNK415LG Datasheet HTML 8Page - Power Integrations, Inc. LNK415LG Datasheet HTML 9Page - Power Integrations, Inc. LNK415LG Datasheet HTML 10Page - Power Integrations, Inc. LNK415LG Datasheet HTML 11Page - Power Integrations, Inc. LNK415LG Datasheet HTML 12Page - Power Integrations, Inc. LNK415LG Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev. D 08/11
9
LNK403-409/413-419
www.powerint.com
provides tighter clamp voltage tolerance than a Zener clamp.
The RCD clamp is more cost effective than the Zener clamp but
requires more careful design to ensure that the maximum drain
voltage does not exceed the power FET breakdown voltage.
These V
OR limits are based on the BVDSS rating of the internal
FET, a V
OR of 60 V to 100 V is typical for most designs, giving
the best PFC and regulation performance.
Series Drain Diode
An ultra-fast or Schottky diode in series with the drain is
necessary to prevent reverse current flowing through the
device. The voltage rating must exceed the output reflected
voltage, V
OR. The current rating should exceed two times the
average primary current and have a peak rating equal to the
maximum drain current of the selected LinkSwitch-PH device.
Line Voltage Peak Detector Circuit
LinkSwitch-PH devices use the peak line voltage to regulate the
power delivery to the output. A capacitor value of 1 mF to 4.7 mF
is recommended to minimize line ripple and give the highest
power factor (>0.9), smaller values are acceptable but result in
lower PF and higher line current distortion.
Operation with Phase Controlled Dimmers
Dimmer switches control incandescent lamp brightness by not
conducting (blanking) for a portion of the AC voltage sine wave.
This reduces the RMS voltage applied to the lamp thus
reducing the brightness. This is called natural dimming and the
LinkSwitch-PH LNK403-409 devices when configured for
dimming utilize natural dimming by reducing the LED current as
the RMS line voltage decreases. By this nature, line regulation
performance is purposely decreased to increase the dimming
range and more closely mimic the operation of an incandescent
lamp. Using a 49.9 kW REFERENCE pin resistance selects
natural dimming mode operation.
Leading Edge Phase Controlled Dimmers
The requirement to provide flicker-free output dimming with low
cost, TRIAC-based, leading edge phase dimmers introduces a
number of trade-offs in the design.
Due to the much lower power consumed by LED based lighting
the current drawn by the overall lamp is below the holding
current of the TRIAC within the dimmer. This causes undesirable
behaviors such as limited dimming range and/or flickering. The
relatively large impedance the LED lamp presents to the line
allows significant ringing to occur due to the inrush current
charging the input capacitance when the TRIAC turns on. This
too can cause similar undesirable behavior as the ringing may
cause the TRIAC current to fall to zero and turn off.
To overcome these issues two circuits, the Active Damper and
Passive Bleeder, are incorporated. The drawback of these
circuits is increased dissipation and therefore reduced efficiency
of the supply so for non-dimming applications these
components can simply be omitted.
Figure 9(a) shows the line voltage and current at the input of a
leading edge TRIAC dimmer with Figure 9(b) showing the
resultant rectified bus voltage. In this example, the TRIAC
conducts at 90 degrees.
Figure 10 shows undesired rectified bus voltage and current
with the TRIAC turning off prematurely and restarting.
If the TRIAC is turning off before the end of the half-cycle
erratically or alternate half AC cycles have different conduction
angles then flicker will be observed in the LED light due to
variations in the output current. This can be solved by including
a bleeder and damper circuit.
Dimmers will behave differently based on manufacturer and
power rating, for example a 300 W dimmer requires less
dampening and requires less power loss in the bleeder than a
600 W or 1000 W dimmer due to different drive circuits and
TRIAC holding current specifications. Line voltage also has a
significant impact as at high-line for a given output power the
input current and therefore TRIAC current is lower but the peak
inrush current when the input capacitance charges is higher
creating more ringing. Finally multiple lamps in parallel driven
from the same dimmer can introduce more ringing due to the
increased capacitance of parallel units. Therefore when testing
dimmer operation verify on a number of models, different line
voltages and with both a single driver and multiple drivers in
parallel.
50
100
150
200
250
300
350
400
Conduction Angle (°)
350
250
150
50
-50
-150
-250
-350
0.35
0.25
0.15
0.05
-0.05
-0.15
-0.25
-0.35
PI-5983-060810
Voltage
Current
0.5
0
50
100
150
200
250
400
350
300
Conduction Angle (°)
350
300
250
200
150
100
50
0
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
PI-5984-060810
Voltage
Current
Figure 9.
(a) Ideal Input Voltage and Current Waveforms for a Leading Edge
TRIAC Dimmer at 90° Conduction Angle. (b) Resultant Waveforms
Following Rectification of TRIAC Dimmer Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com