Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNK413 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # LNK413
Description  LinkSwitch-PH LED Driver IC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK413 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button LNK413 Datasheet HTML 12Page - Power Integrations, Inc. LNK413 Datasheet HTML 13Page - Power Integrations, Inc. LNK413 Datasheet HTML 14Page - Power Integrations, Inc. LNK413 Datasheet HTML 15Page - Power Integrations, Inc. LNK413 Datasheet HTML 16Page - Power Integrations, Inc. LNK413 Datasheet HTML 17Page - Power Integrations, Inc. LNK413 Datasheet HTML 18Page - Power Integrations, Inc. LNK413 Datasheet HTML 19Page - Power Integrations, Inc. LNK413 Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev. D 08/11
17
LNK403-409/413-419
www.powerint.com
Typical Performance Characteristics
Figure 14. Drain Capacitance vs. Drain Pin Voltage.
Figure 15. Power vs. Drain Voltage.
Figure 16. Drain Current vs. Drain Voltage.
Figure 17. Maximum Allowable Drain Current vs. Drain Voltage.
0
100
200
300
400
500
600
0
100
1000
10000
DRAIN Pin Voltage (V)
LNK403, LNK413 0.18
LNK404, LNK414 0.28
LNK405, LNK415 0.38
LNK406, LNK416 0.56
LNK407, LNK417 0.75
LNK408, LNK418 1.00
LNK409, LNK419 1.16
Scaling Factors:
300
100
200
0
0
200
100
400 500 600
300
700
DRAIN Voltage (V)
LNK403, LNK413 0.18
LNK404, LNK414 0.28
LNK405, LNK415 0.38
LNK406, LNK416 0.56
LNK407, LNK417 0.75
LNK408, LNK418 1.00
LNK409, LNK419 1.16
Scaling Factors:
0
0
2
4
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
2
3
1
LNK408 T
CASE = 25 °C
LNK408 T
CASE = 100 °C
4
5
LNK403, LNK413 0.18
LNK404, LNK414 0.28
LNK405, LNK415 0.38
LNK406, LNK416 0.56
LNK407, LNK417 0.75
LNK408, LNK418 1.00
LNK409, LNK419 1.16
Scaling Factors:
0
0 100 200 300 400
600
500
700 800
DRAIN Voltage (V)
0.6
0.8
0.4
0.2
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com