Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNK623 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK623
Description  Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK623 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK623 Datasheet HTML 9Page - Power Integrations, Inc. LNK623 Datasheet HTML 10Page - Power Integrations, Inc. LNK623 Datasheet HTML 11Page - Power Integrations, Inc. LNK623 Datasheet HTML 12Page - Power Integrations, Inc. LNK623 Datasheet HTML 13Page - Power Integrations, Inc. LNK623 Datasheet HTML 14Page - Power Integrations, Inc. LNK623 Datasheet HTML 15Page - Power Integrations, Inc. LNK623 Datasheet HTML 16Page - Power Integrations, Inc. LNK623 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev. E 09/09
13
LNK623-626
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State
Resistance
R
DS(ON)
LNK623
I
D = 50 mA
T
J = 25 °C
24
28
Ω
T
J = 100 °C
36
42
LNK624
I
D = 50 mA
T
J = 25 °C
24
28
T
J = 100 °C
36
42
LNK625
I
D = 62 mA
T
J = 25 °C
16
19
T
J = 100 °C
24
28
LNK626
I
D = 82 mA
T
J = 25 °C
9.6
11
T
J = 100 °C
14
17
OFF-State
Leakage
I
DSS1
V
DS = 560 V (See Figure 20)
T
J = 125 °C (See Note 1)
50
μA
I
DSS2
V
DS = 375 V (See Figure 20)
T
J = 50 °C
15
Breakdown
Voltage
BV
DSS
T
J = 25 °C
(See Figure 20)
700
V
DRAIN Supply
Voltage
50
V
Auto-Restart
ON-Time
t
AR-ON
V
FB = 0
(See Note 3)
200
ms
Auto-Restart
OFF-Time
t
AR-OFF
2.5
s
Open-Loop FB Pin
Current Threshold
I
OL
(See Note 3)
-120
μA
Open-Loop
ON-Time
(See Note 3)
90
μs
NOTES:
1. I
DSS1 is the worst case OFF state leakage specification at 80% of BVDSS and maximum operating junction temperature. IDSS2 is a
typical specification under worst case application conditions (rectified 265 VAC) for no-load consumption calculations.
2. When the duty cycle exceeds DC
MAX the LinkSwitch-CV operates in on-time extension mode.
3. This parameter is derived from characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com