Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3693 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC3693
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3693 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3693 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3693 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3693 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3693
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=6A; IB=0.6A,L=1mH
60
V
VCEsat-1
Collector-emitter saturation voltage
IC=6A; IB=0.3A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=0.4A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=6A; IB=0.3A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=8A; IB=0.4A
1.5
V
ICBO
Collector cut-off current
VCB=60V; IE=0
10
μA
ICEX
Collector cut-off current
VCE=60V; VBE=-1.5V
Ta=125℃
10
1.0
μA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μA
hFE-1
DC current gain
IC=1A ; VCE=2V
100
hFE-2
DC current gain
IC=2A ; VCE=2V
100
200
400
hFE-3
DC current gain
IC=6A ; VCE=2V
60
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
150
pF
fT
Transition frequency
IC=1.0A ; VCE=10V
140
MHz
Switching times
ton
Turn-on time
0.3
μs
ts
Storage time
1.5
μs
tf
Fall time
IC=6A;RL=8.3Ω
IB1=-IB2=0.3A
VCC≈50V
0.3
μs
hFE-2 classifications
M
L
K
100-200
150-300
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com