Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S15VT60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S15VT60
Description  3 Phase Bridge Diode(600V 15A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S15VT60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S15VT60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S15VT60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S15VT60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S15VT60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S15VT60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600V 15A
600V 15A
600V 15A
600V 15A
600V 15A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : 2F
3 Phase Bridge Diode
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : SVT
Diode Module
S15VT60
●
Big Power Supply
●
Air conditioner
●
Factory Automation, Inverter
APPLICATION
●
Dual In-Line Package
●
Compact 3 phase bridge
●
High IFSM
●
Applicable to mount on glass-epoxy substrate
(VTA type)
FEATURES
● Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, With heatsink, Tc=132℃
15A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Rating of per diode, Tj=25℃
200
A
Current Squared Time
I
2t
1ms≦t<10ms Tc=25℃
200
A
2s
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torque : 0.6N・m)
0.8
N・m
● Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjc
junction to case  
Max.0.6
℃/W


Similar Part No. - S15VT60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VT60 SHINDENGEN-S15VT60_17 Datasheet
440Kb / 4P
3 Phase Bridge Diode
More results

Similar Description - S15VT60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VT60 SHINDENGEN-S10VT60 Datasheet
273Kb / 5P
3 Phase Bridge Diode(600V 10A)
S10VTA60 SHINDENGEN-S10VTA60 Datasheet
267Kb / 5P
3 Phase Bridge Diode(600V 10A)
S15VB60 SHINDENGEN-S15VB60 Datasheet
262Kb / 5P
Bridge Diode(600V 15A)
S15VTA60 SHINDENGEN-S15VTA60 Datasheet
272Kb / 5P
3 Phase Bridge Diode(600V 15A)
S15WB60 SHINDENGEN-S15WB60 Datasheet
310Kb / 6P
Bridge Diode(600V 15A)
S20VT60 SHINDENGEN-S20VT60 Datasheet
244Kb / 5P
3 Phase Bridge Diode(600V 20A)
S20VTA60 SHINDENGEN-S20VTA60 Datasheet
275Kb / 5P
3 Phase Bridge Diode(600V 20A)
S30VT60 SHINDENGEN-S30VT60 Datasheet
274Kb / 5P
3 Phase Bridge Diode(600V 30A)
S30VTA60 SHINDENGEN-S30VTA60 Datasheet
275Kb / 5P
3 Phase Bridge Diode(600V 30A)
logo
SanRex Corporation
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
3-PHASE DIODE BRIDGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com