Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45B0F Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45B0F Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HT45B0F
Rev. 1.00
5
June 7, 2011
Functional Description
The HT45B0F is full-duplex asynchronous serial com-
munications UART interface that enables communica-
tion with external devices that contain a serial interface.
The UART function has many features and can transmit
and receive data serially by transferring a frame of data
with eight or nine data bits per transmission as well as
being able to detect errors when the data is overwritten
or incorrectly framed. All data transmissions and recep-
tions between MCU and HT45B0F including UART
commands are conducted along this interconnected SPI
interface. The UART function control is executed by the
MCU using its SPI Master serial interface. The device
contains its own independent interrupt which can be
used to indicate when a data reception occurs or when a
data transmission has terminated.
SPI Interface
The MCU communicates with the device via an internal
SPI interface. The SPI interface on this device is com-
prised of four signals: SCS (SPI Chip Select), SCK (SPI
Clock), SDI (Serial Data Input) and SDO (Serial Data
Output). The SPI master, which is the MCU, asserts
SCS by pulling it low to start the data transaction cycle.
When the first 8 bits of data are transmitted, SCS should
not return to a high level. Instead, SCS must remain at a
low level until the whole 16-bit data transaction is com-
pleted. If SCS is de-asserted, that is returned to a high
level before the 16-bit data transaction is completed, all
data bits will be discarded by the device SPI slave.
SPI Timing
Both read and write operations are conducted along the
SPI common interface with the following format:
· Write Type Format: 8-bit command input + 8-bit data
input
· Read Type Format: 8-bit command input + 8-bit data
output
To initiate a data transaction, the MCU master SPI
needs to pull SCS to a low level first and then also pull
SCK low. The input data bit on SDI should be stable be-
fore the next SCK rising edge, as the device will latch
the SDI status on the next SCK rising edge. Regarding
the SDO line, the output data bit will be updated on the
SCK falling edge. The master needs to obtain the line
status before the next SCK falling edge.
There are 16 bits of data transmitted and/or received by
the SPI interface for each transaction. Each transaction
consists of a command phase and a data phase. When
SCS is high, the SPI interface is disabled and SDO will
be set to a high impedance state.
After a complete transaction has been implemented,
which requires 16 SCK clock cycles, the master needs
to set SCS to a high level in preparation for the next data
transaction.
For write operations, the device will begin to execute the
command only after it receives a 16-bit serial data se-
quence and when the SCS has been set high again by
the master.
For read operations, the device will begin to execute the
command only after it receives an 8-bit read command
after which it will be ready to output data. If necessary,
the master can de-assert the SCS pin to abort the trans-
action at any time which will cause any data transac-
tions to be abandoned.
S C K
S D I
S D O
V D D
S C S
I N T
C L K I
G N D
S C K
S D O
S D I
C l o c k O u t p u t
S C S
V D D
G N D
M C U
R X
T X
I N T
H T 4 5 B 0 F
V D D
For Example Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com