| Electronic Components Datasheet Search |
|
HT48R005 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R005 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc |
|
33 / 62 page ![]() HT48R005/HT46R005 Rev. 1.00 33 November 29, 2011 trol of the respective timer. Setting the bit high allows the counter to run, clearing the bit stops the counter. Bits 0~2 of the Timer Control Register determine the division ratio of the input clock prescaler. The prescaler bit set- tings have no effect if an external clock source is used. If the timer is in the event count or pulse width capture mode, the active transition edge level type is selected by the logic level of bit 3 of the Timer Control Register which is known as T0EG. Timer Mode In this mode, the Timer/Event Counter can be utilised to measure fixed time intervals, providing an internal inter- rupt signal each time the Timer/Event Counter over- flows. To operate in this mode, the Operating Mode Select bit pair, T0M1/T0M0, in the Timer Control Regis- ter must be set to the correct value as shown. Control Register Operating Mode Select Bits for the Timer Mode Bit7 Bit6 10 In this mode the internal clock is used as the timer clock. The timer input clock source is either fSYS or fSYS/4. However, this timer clock source is further divided by a prescaler, the value of which is determined by the bits T0PSC2~T0PSC0 in the Timer Control Register. The timer-on bit, T0ON must be set high to enable the timer to run. Each time an internal clock high to low transition occurs, the timer increments by one; when the timer is full and overflows, an interrupt signal is generated and the timer will reload the value already loaded into the preload register and continue counting. A timer overflow condition and corresponding internal interrupt is one of the wake-up sources, however, the internal interrupts can be disabled by ensuring that the T0EG bits of the INTC0 register are reset to zero. Event Counter Mode In this mode, a number of externally changing logic events, occurring on the external timer TMR pin, can be recorded by the Timer/Event Counter. To operate in this mode, the Operating Mode Select bit pair, T0M1/T0M0, in the Timer Control Register must be set to the correct value as shown. Control Register Operating Mode Select Bits for the Event Counter Mode Bit7 Bit6 01 In this mode, the external timer TMR pin, is used as the Timer/Event Counter clock source, however it is not di- vided by the internal prescaler. After the other bits in the Timer Control Register have been setup, the enable bit T0ON, which is bit 4 of the Timer Control Register, can be set high to enable the Timer/Event Counter to run. If the Active Edge Select bit, T0EG, which is bit 3 of the Timer Control Register, is low, the Timer/Event Counter will increment each time the external timer pin receives a low to high transition. If the T0EG is high, the counter will increment each time the external timer pin receives a high to low transition. When it is full and overflows, an interrupt signal is generated and the Timer/Event Coun- ter will reload the value already loaded into the preload register and continue counting. The interrupt can be dis- abled by ensuring that the Timer/Event Counter Inter- rupt Enable bit in the corresponding Interrupt Control Register, is reset to zero. As the external timer pin is shared with an I/O pin, to en- sure that the pin is configured to operate as an event counter input pin, two things have to happen. The first is to ensure that the Operating Mode Select bits in the Timer Control Register place the Timer/Event Counter in the Event Counting Mode, the second is to ensure that the port control register configures the pin as an input. It should be noted that in the event counting mode, even if the microcontroller is in the Sleep Mode, the Timer/Event Counter will continue to record externally changing logic events on the timer input TMR pin. As a result when the timer overflows it will generate a timer interrupt and corresponding wake-up source. Pulse Width Capture Mode In this mode, the Timer/Event Counter can be utilised to measure the width of external pulses applied to the ex- ternal timer pin. To operate in this mode, the Operating Mode Select bit pair, T0M1/T0M0, in the Timer Control Register must be set to the correct value as shown. I n c r e m e n t T i m e r C o n t r o l l e r P r e s c a l e r O u t p u t T i m e r + 1 T i m e r + 2 T i m e r + N T i m e r + N + 1 Timer Mode Timing Chart T i m e r + 2 E x t e r n a l E v e n t I n c r e m e n t T i m e r C o u n t e r T i m e r + 3 T i m e r + 1 Event Counter Mode Timing Chart (T0EG=1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |