| Electronic Components Datasheet Search |
|
HT46R006 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R006 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 72 page ![]() HT48R006/HT46R006 Rev. 1.00 38 October 24, 2011 Timer Control Registers - TMR0C, TMR1C The flexible features of the Holtek microcontroller Timer/Event Counters enable them to operate in three different modes, the options of which are determined by the contents of their respective control register. The Timer Control Register is known as TMRnC. It is the Timer Control Register together with its corresponding timer register that control the full operation of the Timer/Event Counter. Before the timer can be used, it is essential that the Timer Control Register is fully pro- grammed with the right data to ensure its correct opera- tion, a process that is normally carried out during program initialisation. To choose which of the three modes the timer is to oper- ate in, either in the timer mode, the event counting mode or the pulse width capture mode, bits 7 and 6 of the Timer Control Register, which are known as the bit pair TnM1/TnM0, must be set to the required logic levels. The timer-on bit, which is bit 4 of the Timer Control Reg- ister and known as TnON, provides the basic on/off con- trol of the respective timer. Setting the bit high allows the counter to run, clearing the bit stops the counter. Bits 0~2 of the Timer Control Register determine the division ratio of the input clock prescaler. The prescaler bit set- tings have no effect if an external clock source is used. If the timer is in the event count or pulse width capture mode, the active transition edge level type is selected by the logic level of bit 3 of the Timer Control Register which is known as TnEG. The TnS bit selects the inter- nal clock source if used. Timer Mode In this mode, the Timer/Event Counter can be utilised to measure fixed time intervals, providing an internal inter- rupt signal each time the Timer/Event Counter over- flows. To operate in this mode, the Operating Mode Select bit pair, TnM1/TnM0, in the Timer Control Regis- ter must be set to the correct value as shown. Control Register Operating Mode Select Bits for the Timer Mode Bit7 Bit6 10 In this mode the internal clock is used as the timer clock. The timer input clock source is either fSYS ,fSYS/4 or the LXT oscillator. However, this timer clock source is fur- ther divided by a prescaler, the value of which is deter- mined by the bits TnPSC2~TnPSC0 in the Timer Control Register. The timer-on bit, TnON must be set high to enable the timer to run. Each time an internal clock high to low transition occurs, the timer increments by one; when the timer is full and overflows, an interrupt signal is generated and the timer will reload the value al- ready loaded into the preload register and continue counting. A timer overflow condition and corresponding internal interrupt is one of the wake-up sources, how- ever, the internal interrupts can be disabled by ensuring that the ETnI bits of the INTCn register are reset to zero. Event Counter Mode In this mode, a number of externally changing logic events, occurring on the external timer TCn pin, can be recorded by the Timer/Event Counter. To operate in this mode, the Operating Mode Select bit pair, TnM1/TnM0, in the Timer Control Register must be set to the correct value as shown. Control Register Operating Mode Select Bits for the Event Counter Mode Bit7 Bit6 01 In this mode, the external timer TCn pin, is used as the Timer/Event Counter clock source, however it is not di- vided by the internal prescaler. After the other bits in the Timer Control Register have been setup, the enable bit TnON, which is bit 4 of the Timer Control Register, can be set high to enable the Timer/Event Counter to run. If the Active Edge Select bit, TnEG, which is bit 3 of the Timer Control Register, is low, the Timer/Event Counter will increment each time the external timer pin receives a low to high transition. If the TnEG is high, the counter will increment each time the external timer pin receives a high to low transition. When it is full and overflows, an interrupt signal is generated and the Timer/Event Coun- ter will reload the value already loaded into the preload register and continue counting. The interrupt can be dis- abled by ensuring that the Timer/Event Counter Inter- I n c r e m e n t T i m e r C o n t r o l l e r P r e s c a l e r O u t p u t T i m e r + 1 T i m e r + 2 T i m e r + N T i m e r + N + 1 Timer Mode Timing Chart T i m e r + 2 E x t e r n a l E v e n t I n c r e m e n t T i m e r C o u n t e r T i m e r + 3 T i m e r + 1 Event Counter Mode Timing Chart (TnEG=1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |