Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC01707PLF Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC01707PLF
Description  FM multiple tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC01707PLF Datasheet HTML 3Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 4Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 5Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 6Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 10Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LC01707PLF
No.A1928-7/18
Continued from preceding page.
Pin No. Pin name
Function
Equivalent circuit
31
SCL
Serial data clock input.
31
VDD
VDD
32
SDA
Serial data input/ output.
32
VDD
33
VDD
PLL_logic supply voltage pin.
34
SMETER
S-meter output.
34
VDD
VDD
35
VDD
IF supply voltage pin
36
LPFO
Demodulator output
(After band limit).
36
VDD
VDD
4pF
37
DEMOO
Demodulator output.
37
VDD
VDD
20.4pF
1pF
38
LPFI
Demodulator signal input pin.
38
VDD
1pF
+
-
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com