Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF10SC9 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF10SC9
Description  Schottky Rectifiers (SBD)(90V 10A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF10SC9 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button SF10SC9 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd SF10SC9 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0
tp
IO
T
D=tp/T
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
SF10SC9
0.3
Forward Power Dissipation
Tj = 150
°C
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
Average Rectified Forward Current IO [A]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com