Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD545 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD545
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD545 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD545 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD545 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD545/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD545
40
BD545A
60
BD545B
80
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BD545C
IC= 30mA ;IB=0
B
100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.625A
B
0.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2A
1.0
V
VBE(on)
Base-Emitter On Voltage
IC= 10A; VCE= 4V
1.8
V
BD545
VCE= 40V; VBE= 0
BD545A
VCE= 60V; VBE= 0
BD545B
VCE= 80V; VBE= 0
ICES
Collector
Cutoff Current
BD545C
VCE= 100V; VBE= 0
0.4
mA
BD545/A
VCE= 30V; IB= 0
B
ICEO
Collector
Cutoff Current
BD545B/C
VCE= 60V; IB= 0
B
0.7
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 4V
60
hFE-2
DC Current Gain
IC= 5A; VCE= 4V
25
hFE-3
DC Current Gain
IC= 10A; VCE= 4V
10
Switching times
ton
Turn-on Time
0.6
μs
toff
Turn-off Time
IC= 6A; IB1= -IB2= 0.6A;
RL= 5Ω; VBE(off)= -4V
1.0
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com