Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VR61F1 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # VR61F1
Description  Varistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

VR61F1 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  VR61F1 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd VR61F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd VR61F1 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd VR61F1 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd VR61F1 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd VR61F1 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
SMD
Varistor
VR61F1
Case : 1F
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
℃
Junction Temperature
Tj
150
℃
Ta = 25℃, Sine wave, R-load, Commercial frequency,
0.37
Average Rectified Forward Current
IO
On alumina substrate
Arms
Ta = 25℃, Sine wave, R-load, Commercial frequency,
0.28
On glass-epoxy substrate
50Hz, Sine wave, Non-repetitive
7.5
Arms
Peak Surge Forward Current
IFSM 10/200μs, Non-repetitive
60
A
10/1000μs, Non-repetitive
30
A
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
IF = 1mA
2.05~2.55
Forward Voltage
VF
IF = 10mA
2.50~3.00
V
IF = 70mA
2.85~3.35
Junction Capacitance
Cj
f = 100kHz, VD = 1V, OSC = 50mA
TYP 15pF
Junction to ambient, On alumina substrate
MAX 108
Thermal Resistance
θja
℃/W
Junction to ambient, On glass-epoxy substrate
MAX 157


Similar Part No. - VR61F1

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
VR61 SSE-VR61 Datasheet
16Kb / 1P
SILICON VARISTOR
logo
Galaxy Semi-Conductor H...
VR61 BILIN-VR61 Datasheet
52Kb / 2P
SILICON VARISTOR
logo
Kwang Myoung I.S. CO.,L...
VR61 KISEMICONDUCTOR-VR61 Datasheet
2Mb / 2P
SILICON VARlSTOR
logo
SAMYANG ELECTRONICS CO....
VR61 SAMYANG-VR61 Datasheet
748Kb / 2P
SILICON VARISTOR
logo
Shindengen Electric Mfg...
VR61B SHINDENGEN-VR61B Datasheet
245Kb / 5P
Varistor
More results

Similar Description - VR61F1

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com